Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 13 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 13 Page - Vicor Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 13 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
General Characteristics
Specifications apply over all line and load conditions, 50 Hz and 60 Hz line frequencies, TC = 25°C, unless otherwise noted.
Boldface specifications apply over the temperature range of the specified Product Grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Mechanical
Length
L
110.6 / [4.35]
mm / [in]
Width
W
35.5 / [1.40]
mm / [in]
Height
H
9.3 / [0.37]
mm / [in]
Volume
Vol
Without heatsink
36.9 / [2.25]
cm3/ [in3]
Weight
W
148 / [5.2]
g / [oz]
Pin material
C145 copper, half hard
Underplate
Low stress ductile nickel
50
100
µin
Pin finish
Palladium
0.8
6
µin
Soft Gold
0.12
2
µin
Thermal
Operating case temperature
TC
C - Grade, see derating curve in SOA
-20
100
°C
T - Grade, see derating curve in SOA
-40
100
°C
Thermal resistance, junction to case, top
RJC_TOP
1.43
°C/W
Thermal resistance, junction to case,
bottom
RJC_BOT
1.85
°C/W
Coupling thermal resistance,
top to bottom of case, internal
RHOU
0.36
°C/W
Shell Thermal capacity
54
J/K
Thermal design
See Thermal Design on Page 17
Assembly
ESD rating
ESDHBM
Human Body Model,
JEDEC JESD 22-A114C.01
1,000
V
ESDMM
Machine Model,
JEDEC JESD 22-A115B
N/A
ESDCDM
Charged Device Model,
JEDEC JESD 22-C101D
200
Safety
Agency approvals/standards
cTUVus, EN60950-1 and IEC 60950-1
cURus, UL 60950-1 and CAN/CSA 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Touch Current measured in accordance
with IEC 60990 using measuring network
Figure 3 (PFM in a VIA package only)
0.5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn