Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 14 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 14 Page - Vicor Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PFM4414xB6M24D0yzz
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 14 of 23
12/2015
800 927.9474
General Characteristics (Cont.)
Specifications apply over all line and load conditions, 50 Hz and 60 Hz line frequencies, TC = 25°C, unless otherwise noted.
Boldface specifications apply over the temperature range of the specified Product Grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
EMI/EMC Compliance (Pending)
FCC Part 15, EN55022, CISPR22: 2006 +
A1: 2007, Conducted Emissions
Class B Limits - with –OUT
connected to GND
EN61000-3-2: 2009,
Harmonic Current Emissions
Class A
EN61000-3-3: 2005,
Voltage Changes & Flicker
PST <1.0; PLT <0.65; dc <3.3%
dmax <6%
EN61000-4-4: 2004,
Electrical Fast Transients
Level 2, Performance Criteria A
EN61000-4-5: 2006,
Surge Immunity
Level 3, Immunity Criteria A,
external TMOV required
EN61000-4-6: 2009,
Conducted RF Immunity
Level 2, 130 dBµV (3.0 VRMS)
EN61000-4-8: 1993 + A1 2001,
Power Frequency H-Field 10A/m,
continuous field
Level 3, Performance Criteria A
EN61000-4-11: 2004,
Voltage Dips & Interrupts
Class 2, Performance Criteria A Dips,
Performance Criteria B Interrupts
Reliability
Case
Reliability Assurance Relex Modeling , Studio 2007,v2]
Temp (°C)
Duty Cycle
Condition
MTBF (MHrs)
FIT
1
Telcordia Issue 2, Method I Case 1
25
100%
GB,GC
0.702
1424
2
MIL-HDBK-217FN2 Parts Count - 25°C Ground Benign,
Stationary, Indoors / Computer
25
100%
GB,GC
0.322
3102
3
Telcordia Issue 2, Method I Case 3
25
100%
GB,GC
2.43
412


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn