Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 2 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 2 Page - Vicor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PFM4414xB6M24D0yzz
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 2 of 23
12/2015
800 927.9474
Typical PCB Mount Applications
The PCB terminal option allows mounting on an industry standard printed circuit board, with two different pin lengths. Vicor
offers a variety of downstream DC-DC converters driven by the 24 V output of the PFM in a VIA package. The 24 V output is
usable directly by loads that are tolerant of the PFC line ripple, such as fans, motors, relays, and some types of lighting. Use
downstream DC-DC Point of Load converters where more precise regulation is required.
24 V 10 A
3.3 V 10 A
1.8 V 8 A
Cool-Power®
ZVS Buck
2 x Cool-Power®
ZVS Buck
+
_
+
_
+
_
PFM™
VIA
+IN
-IN
+OUT
-OUT
24 V
++
+
C
1
C
2
C
3
M
1
J
1
85 -
264 Vac
+OUT
-OUT
AIM™
VIA
M
2
F
1
L
N
MOV
Parts List for Typical PCB Mount Applications
J1
Qualtek 703 W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8 A 250 VAC 5 x 20 mm holder
M1
Vicor AIM™ AIM1714BB6MC7D5yzz
M2
Vicor PFM™ PFM4414BB6M24D0yzz
C1, C2, (C3)
Nichicon UVR1V153MRD 15,000 µF 35 V 4.3 A 25 x 50 mm bent 90°, x 3 pcs
or
CDE 380LX153M035A022 15,000 µF 35 V 5.6 A 35 x 30 mm snap in, x 3 pcs
or
Sic Safco Cubisic LP A712062 22,000 µF 35 V 5.8 A 45 x 75 x 12 mm rectangular, x 2 pcs
MOV
Littelfuse TMOV20RP300E VARISTOR 10 kA 300 V 250 J 20 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn