Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 3 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 3 Page - Vicor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 3 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Typical Chassis Mount Applications
The PFM in a VIA package is available in Chassis Mount option, saving the cost of a PCB and allowing access to both sides of the
power supply for cooling. The parts list below minimizes the number of interconnects required between necessary components,
and selects components with terminals traditionally used for point to point chassis wiring.
PFM™
VIA
+IN
-IN
+OUT
-OUT
Fan
Relays
Coin Box
Controller
Dispensors
24 V
16
8
8
C
1
C
2
C
3
J
1
85 -
264 Vac
M
1
AIM™
VIA
F
1
M
2
+OUT
-OUT
L
N
MOV
Parts List for Typical Chassis Mount Applications
J1
Qualtek 719 W or 723 W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8 A 250 VAC 5 x 20 mm in J1, or separate fuse holder
M1
Vicor AIM™ AIM1714VB6MC7D5y00
M2
Vicor PFM™ PFM4414VB6M24D0y00
C1, C2, C3
Nichicon LNT1V153MSE 15,000 µF 35 V 5.1 A 35 x 83 mm screw terminal
or
C1
Kemet ALS30A473KE040 47,000 µF 40 V 14.2 A 51 x 84 mm screw terminal
MOV
Littelfuse TMOV20RP300E VARISTOR 10 kA 300 V 250 J 20 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn