Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP292-4 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TLP292-4
Descripción Electrónicos  TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP292-4 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP292-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 10Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 11Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TLP292-4
2015-10-21
8
Soldering and Storage
1. Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown
below, irrespectiveof whether a soldering iron or a reflow soldering method is used.
1) When Using Soldering Reflow
An example of a temperature profile when lead(Pb)-free solder is used
The soldering temperature profile is based on the package surface temperature
(See the figure shown below, which is based on the package surface temperature.)
 Reflow soldering must be performed once or twice.
 The mounting should be completed with the interval from the first to the last mountings being 2
weeks.
2) When using soldering Flow
 Preheat the device at a temperature of 150 °C (package surface temperature) for 60 to 120
seconds.
 Mounting condition of 260 °C within 10 seconds is recommended
 Flow soldering must be performed once.
3) When using soldering Iron
 Complete soldering within 10 seconds for lead temperature not exceeding 260 °C or within 3
seconds not exceeding 350 °C
 Heating by soldering iron must be done only once per lead.
2. Precautions for General Storage
1) Avoid storage locations where devices may be exposed to moisture or direct sunlight.
2) Follow the precautions printed on the packing label of the device for transportation and storage.
3) Keep the storage location temperature and humidity within a range of 5°C to 35°C and 45% to 75%,
respectively.
4) Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
5) Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
6) When restoring devices after removal from their packing, use anti-static containers.
7) Do not allow loads to be applied directly to devices while they are in storage.
8) If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.


Número de pieza similar - TLP292-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results

Descripción similar - TLP292-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP293-4 TOSHIBA-TLP293-4 Datasheet
720Kb / 12P
   TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com