Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP360J Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP360J
Descripción Electrónicos  TOSHIBA Photocoupler GaAs Ired and Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP360J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP360J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP360J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP360J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP360J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP360J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP360J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP360J
2014-09-22
4
*: The above graphs show typical characteristics.
∆VF / ∆Ta – IF
Forward current IF (mA)
−3.2
−0.4
0.1
0.3 0.5
1
3
5
10
30 50
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
Ambient temperature Ta (A)
60
0
−20
50
40
30
20
0
20
40
60
80
120
100
10
IT(RMS) – Ta
Ambient temperature Ta (°C)
120
0
-20
100
80
40
20
0
20
40
60
80
120
100
60
IFP – VFP
Pulse forward voltage VPF (V)
0.6
1000
1
500
300
30
10
3
1.0
1.4
1.8
2.2
2.6
5
50
100
3.0
Pulse width ≤ 100μs
Repetitive frequency = 100 Hz
Ta = 25°C
IFP – DR
Duty cycle ratio DR
3000
10
−3
1000
500
300
100
50
10
10
−2
10
−1
10
3
3
3
3
30
Pulse width ≤ 100μs
Ta = 25°C
IF – VF
Forward voltage VF (V)
100
0.1
0.6
50
30
3
1
0.3
0.8
1.0
1.2
1.4
1.6
1.8
0.5
5
10
Ta = 25°C
IF – Ta


Número de pieza similar - TLP360J_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
More results

Descripción similar - TLP360J_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP163J TOSHIBA-TLP163J Datasheet
211Kb / 5P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com