Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60140PWPRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60140PWPRG4
Descripción Electrónicos  Low Power DC-DC Converter Regulated
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140PWPRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60140PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
GND
NC
PG
NC
C2+
IN
C2−
PGND
PGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
GND
LBI
LBO
NC
C2+
IN
C2−
PGND
PGND
TPS60140, TPS60141
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
www.ti.com
6 Device Comparison Table
PART NUMBER
PACKAGE
PACKAGE DESIGNATOR
DEVICE FEATURES
TPS60140
Low-battery detector
20-pin thermally enhanced HTSSOP
PWP
2-cell to 5 V, 100 mA
TPS60141
Power-good detector
7 Pin Configuration and Functions
PWP Package (TPS60140)
PWP Package (TPS60141)
20 Pin-HTSSOP
20 Pin-HTSSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
C1+
6
Positive terminal of the flying capacitor C1
C1
8
Negative terminal of the flying capacitor C1
C2+
15
Positive terminal of the flying capacitor C2
C2
13
Negative terminal of the flying capacitor C2
ENABLE input. Connect ENABLE to IN for normal operation. When ENABLE is a logic low, the device turns off and the
ENABLE
3
I
supply current decreases to 0.05 µA. The output is disconnected from the input when the device is placed in shutdown.
Feedback input. Connect FB to OUT as close to the load as possible to achieve best regulation. A resistive divider is on the
FB
4
I
chip to match the output voltage to the internal reference voltage of 1.21 V.
1, 2, 19,
GND
Ground. Analog ground for internal reference and control circuitry. Connect to PGND through a short trace.
20
IN
7,14
I
Supply input. Bypass IN to PGND with capacitor CIN. Connect both IN terminals through a short trace.
Low battery detector output (TPS60140) or power good output (TPS60141). Open-drain output of the low-battery indicator or
LBO/PG
17
O
power-good comparator. It can sink 1 mA. TI recommends a 100-k
Ω to 1-MΩ pullup. Leave the terminal unconnected if the
low-battery or power-good detector function is not used.
Low battery detector input (TPS60140 only). The voltage applied to this terminal is compared to the internal 1.21-V reference
LBI/NC
18
I
voltage. Connect the terminal to ground if the low-battery comparator is not used. On the TPS60141, this terminal is not
connected to the chip and should remain unconnected.
NC
16
Not connected
OUT
5
O
Regulated 5-V power output. Bypass OUT to PGND with the output filter capacitor COUT.
PGND
9
−12
Power ground. The charge-pump current flows through this terminal. Connect all PGND terminals together.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60140 TPS60141


Número de pieza similar - TPS60140PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60140PWP TI-TPS60140PWP Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
More results

Descripción similar - TPS60140PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com