Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS6590377ZWSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS6590377ZWSR
Descripción Electrónicos  Power Management Unit (PMU)
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6590377ZWSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS6590377ZWSR Datasheet HTML 5Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 6Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 7Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 8Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 9Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 10Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 11Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 12Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
TPS659037
www.ti.com
SLIS165C – DECEMBER 2014 – REVISED NOVEMBER 2015
Pin Functions (continued)
PIN
PU OR
I/O
CONNECTION(2)
DESCRIPTION
PD(1)
NO.
NAME
K13
SMPS3_FDBK
I
Floating
Output voltage-sense (feedback) input for step-down converter, SMPS3
L1
I2C1_SCL_SCK
I/O
Floating
Control I2C serial clock (external pullup) and SPI clock signal
L2
I2C1_SDA_SDI
I/O
Floating
Control I2C serial bidirectional data (external pullup) and SPI data signal
L3
BOOT0
I
Ground or VRTC
Boot pin 0 for power-up sequence selection
L4
NC
Not connected
L5
SMPS6_GND
Ground
Power ground connection for step-down converter, SMPS6
L6
L7
SMPS9_GND
Ground
Power ground connection for step-down converter, SMPS9
L8
L9
SMPS8_GND
Ground
Power ground connection for step-down converter, SMPS8
L10
L11
SMPS8_FDBK
I
Ground
Output voltage-sense (feedback) input for step-down converter, SMPS8
L12
LDO34_IN
I
System supply
Power input voltage for LDO3 and LDO4 regulators
L13
M1
PBKG
Ground
Substrate ground
M2
DVS I2C serial clock (external pullup) and SPI enable signal or I2C serial clock
M3
I2C2_SCL_SCE
I/O
Floating
(external pullup)
M4
LDO_SUPPLY
I
System supply
Power input voltage for internal LDO
M5
SMPS6_SW
O
Floating
Switch node of step-down converter, SMPS6. Connect the output to an inductor.
M6
SMPS6_IN
I
System supply
Power input for step-down converter, SMPS6
M7
SMPS9_SW
O
Floating
Switch node of step-down converter, SMPS9 Connect the output to an inductor.
M8
SMPS9_IN
I
System supply
Power input for step-down converter, SMPS9
M9
SMPS8_IN
I
System supply
Power input for step-down converter, SMPS8
M10
SMPS8_SW
O
Floating
Switch node of step-down converter, SMPS8 Connect the output to an inductor.
M11
CLK32KGO
O
Floating
32-kHz digital-gated output clock available when VIO_IN input supply is present
M12
GND_DIG
Ground
Digital power ground
M13
GND_ANA
Ground
Analog power ground
N1
PBKG
Ground
Substrate ground
N2
VIO_GND
Ground
Digital ground connection
N3
LDO_SUPPLY
I
System supply
Power input voltage for internal LDO
N4
LDO_SUPPLY
I
System supply
Power input voltage for internal LDO
N5
SMPS6_SW
O
Floating
Switch node of step-down converter, SMPS6. Connect the output to an inductor.
N6
SMPS6_IN
I
System supply
Power input for step-down converter, SMPS6
N7
SMPS9_SW
O
Floating
Switch node of step-down converter, SMPS9 Connect the output to an inductor.
N8
SMPS9_IN
I
System supply
Power input for step-down converter, SMPS9
N9
SMPS8_IN
I
System supply
Power input for step-down converter, SMPS8
N10
SMPS8_SW
O
Floating
Switch node of step-down converter, SMPS8 Connect the output to an inductor.
PPU
I/O
Ground
Primary function: General-purpose input(3) or output
N11
GPIO_6
PPD(3)
O
Floating
Secondary function: SYSEN2 — External system enable
I
Ground or floating
Primary function: OTP programming voltage
N12
VPROG
O
Floating
Secondary function: TESTV
N13
PBKG
Ground
Substrate ground
Copyright © 2014–2015, Texas Instruments Incorporated
Pin Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: TPS659037


Número de pieza similar - TPS6590377ZWSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS6590377ZWSR TI1-TPS6590377ZWSR Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results

Descripción similar - TPS6590377ZWSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com