Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA45 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza SMA45
Descripción Electrónicos  Cascadable Amplifier 1000 to 4000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA45 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA45 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA45 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA45 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
1000 to 4000 MHz
Rev. V3
A45 / SMA45
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1000-4000
1000-4000
1000-4000
Small Signal Gain (min)
dB
17.5
16.5
15.5
Gain Flatness (max)
dB
±0.6
±0.8
±1.0
Reverse Isolation
dB
36
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
19.5
18.0
17.0
IP3
dBm
+29
IP2
dBm
+39
Second Order Harmonic IP
dBm
+44
VSWR Input / Output (max)
1.8:1 / 1.7:1
2.1:1 / 2.1:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
120
125
130
Features
 HIGH GAIN 17.5 dB (TYP.)
 LOW NOISE: 4.5 dB (TYP.)
 HIGH OUTPUT POWER: +19.5 dBm (TYP.)
 GaAs FET DESIGN
Description
The A45 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A45
TO-8
SMA45
Surface Mount
CA45 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+16 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
131ºC/W
Transistor Power Dissipation Pd
0.497 W
Junction Temperature Rise
Above Case Tjc
65ºC
* Over temperature performance limits for part number CA45, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Número de pieza similar - SMA45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SMA45 MACOM-SMA45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
SMA45 MACOM-SMA45 Datasheet
381Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
MIC GROUP RECTIFIERS
SMA45 MIC-SMA45 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA45 MA-COM-SMA45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
SUNMATE electronic Co.,...
SMA45 SUNMATE-SMA45 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Descripción similar - SMA45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com