Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-143 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM-143
Descripción Electrónicos  Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-143 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-143_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-143_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-143_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM-143_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier, 16 dB Gain,
5 - 500 MHz
Rev. V4
AM-143 / AMC-143
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: 2,
TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
Gain
@+25oC
dB
15.3
15.8
16.3
50 MHz
Frequency Response
dB
±1.0
5 - 500 MHz
Gain Variation with
Temperature
dB
±0.8
5 - 500 MHz
1 dB Compression
Output Power
dBm
+4
5 - 500 MHz
Noise Figure
dB
3.5
2.7
5 - 500 MHz
5 - 100 MHz
Reverse Transmission
dB
-21
-16
5 - 500 MHz
VSWR
Ratio
2.5:1
5 - 500 MHz
Output IP2
Two-Tone inputs up to -10 dBm
dBm
+24
5 - 500 MHz
Output IP3
Two-Tone inputs up to -10 dBm
dBm
+16
5 - 500 MHz
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
13
15
Power Dissipation
@ +15 V Bias
mW
200
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.20/-60.7
5.90/-161.0
0.09/-160.5
0.32/-24.9
10
0.12/-63.8
6.07/-171.8
0.09/-172.6
0.27/-24.9
20
0.09/-65.3
6.16/-179.8
0.10/178.9
0.26/-17.4
50
0.10/-82.7
6.08/167.5
0.10/166.3
0.25/-28.0
100
0.14/-101.0
6.06/153.3
0.10/150.5
0.26/-49.3
200
0.21/-130.6
6.00/126.7
0.10/119.8
0.26/-82.3
300
0.23/-149.2
6.01/100.9
0.10/93.6
0.24/-104.5
400
0.20/-155.5
6.09/70.7
0.10/67.4
0.22/-100.5
500
0.22/-142.9
6.11/36.8
0.10/43.3
0.20/-79.8
S-Parameter Data


Número de pieza similar - AM-143_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
AM-143-AMC-143 MA-COM-AM-143-AMC-143_15 Datasheet
85Kb / 3P
   Low Noise Amplifier
logo
DATEL, Inc.
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
AM-1435MC DATEL-AM-1435MC Datasheet
94Kb / 1P
   Legacy Amplifiers
AM-1435MC DATEL-AM-1435MC Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
More results

Descripción similar - AM-143_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
   High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
Tyco Electronics
AM-AMC-151 MACOM-AM-AMC-151 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com