Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DL100-23HA2110 Datasheet(PDF) 2 Page - SICK AG |
|
DL100-23HA2110 Datasheet(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T DL100-23HA2110 | Dx100 LONG RANGE DISTANCE SENSORS 2 DISTANCE SENSORS | SICK Online data sheet | 2016-03-17 13:18:11 Subject to change without notice Illustration may differ Ordering information Type Part no. DL100-23HA2110 1066426 Other models and accessories www.sick.com/Dx100 Detailed technical data Performance Measuring range 0.15 m ... 300 m, on reflective tape "Diamond Grade" Resolution 0.1 mm, 0.125 mm, 1 mm, 10 mm, 100 mm Repeatability 2 mm 1) Accuracy ± 3 mm 2) Dead time 2 ms Output time Synchronous to PLC request (dependent on interfaces) Light source Laser, red 3) Laser class 2 (EN 60825-1 / CDRH) Typ. light spot size (distance) 5 mm (+ 2 mm x distance in m) Max. movement speed 30 m/s Acceleration (max.) ≤ 15 m/s² Internal measurement cycle 1 ms Heating ✔ 1) Statistical error 1 σ, environmental conditions constant, min. warm-up time 10 min. 2) From 150 mm ... 180 mm measuring range the accuracy can reach ± 4 mm. 3) Average service life: 100,000 h at TU = +25 °C. Interfaces Switching output B (push/pull), MF1, MF2 1) Multifunctional input (MF) 1 x MF1 2) Data interface EtherNet/IP 1) HIGH > VS - 3 V / LOW < 2 V. 2) HIGH > 12 V / LOW < 3 V. |
Número de pieza similar - DL100-23HA2110 |
|
Descripción similar - DL100-23HA2110 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |