Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1058FA Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TPD1058FA
Descripción Electrónicos  Low-Side Switch for Solenoid, Motor and Lamp Drive
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1058FA Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD1058FA Datasheet HTML 1Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 2Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 3Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 4Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 5Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 6Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 7Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 8Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPD1058FA
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
PIN
Rating
Unit
Note
Supply voltage
VDD
VDD
−0.3 to 6
V
-
Input voltage
VIN , VSTBY
IN,STBY
−0.3 to 6
V
-
DIAG output voltage
VDIAG
DIAG
−0.3 to 6
V
-
DIAG output current
IDIAG
DIAG
5
mA
-
Output voltage
VOUT
OUT
-0.3 to 40
V
N channel DMOS (VDSS=60V)
Output current
IOUT
OUT
Internally limited
A
-
Power dissipation (Note 2)
PD
-
1.84
W
Note 2
Single pulse active clamp
capability (Note 3)
EAS
-
95
mJ
-
Active clamp current
IAR
OUT
6
A
-
Operating temperature
Topr
-
−40 to 125
°C
-
Channel temperature
Tch
-
150
°C
-
Storage temperature
Tstg
-
−40 to 150
°C
-
Note1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal resistance, channel to ambient
Rth (ch−a)
67.6
°C / W
Note 2:
Note 3: Active clamp capability (single pulse) test condition
VDD=12V, Tch =25°C(initial), L=3.9 mH, IAR=6 A
Glass epoxy board
Material: FR-4(4 layer)
Board size: 76.2mm×114.3mm×1.6mm
Via:
φ0.3mm(2 point)
2015-2-9
5


Número de pieza similar - TPD1058FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
More results

Descripción similar - TPD1058FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
   Low-side switch for motor, solenoid and lamp drive
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com