Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3492HCMHX Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM3492HCMHX
Descripción Electrónicos  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMHX Datasheet(HTML) 4 Page - Texas Instruments

  LM3492HCMHX Datasheet HTML 1Page - Texas Instruments LM3492HCMHX Datasheet HTML 2Page - Texas Instruments LM3492HCMHX Datasheet HTML 3Page - Texas Instruments LM3492HCMHX Datasheet HTML 4Page - Texas Instruments LM3492HCMHX Datasheet HTML 5Page - Texas Instruments LM3492HCMHX Datasheet HTML 6Page - Texas Instruments LM3492HCMHX Datasheet HTML 7Page - Texas Instruments LM3492HCMHX Datasheet HTML 8Page - Texas Instruments LM3492HCMHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM3492HC-Q1, LM3492HC
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
Current regulator ground. Must be connected to the GND pin and exposed pad for normal operation.
LGND
14
G
The LGND and GND pins are not internally connected.
17
Integrated MOSFET ground. Must be connected to the GND pin and exposed pad for normal
PGND
G
operation. The PGND and GND pins are not internally connected.
18
Frequency control pin. An external resistor from the VOUT pin to this pin sets the switching
RT
6
I
frequency.
3
SW
I
Switch node. Internally connected to the drain of the integrated MOSFET.
4
Internal LED regulator output. Nominally regulated to 5.5 V. Connect a capacitor of 0.47-
μF or larger
VCC
19
O
between the VCC and GND pins.
VIN
2
I
Input supply voltage pin. Input voltage range is from 4.5 V to 65 V.
VOUT
5
I
Output voltage sense pin. Senses the output voltage for nearly constant switching frequency control.
Exposed Pad
G
Thermal connection pad. Connect to a ground plane.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, RT, VOUT to GND, SW to GND
−0.3
67
Input voltage
V
SW to GND (transient <100 ns)
−2
ILIM to GND
−0.3
1
Output voltage
FB to GND
−0.3
5
V
COMM, DIM1, DIM2, to GND
−0.3
6
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±750 V
may actually have higher performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply input voltage, VIN
4.5
65
V
Junction temperature, TJ
−40
125
°C
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3492HC-Q1 LM3492HC


Número de pieza similar - LM3492HCMHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3492HCMHX TI1-LM3492HCMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

Descripción similar - LM3492HCMHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com