Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS23751PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS23751PWPR
Descripción Electrónicos  Wide Range High Efficiency DC-DC Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS23751PWPR Datasheet HTML 4Page - Texas Instruments TPS23751PWPR Datasheet HTML 5Page - Texas Instruments TPS23751PWPR Datasheet HTML 6Page - Texas Instruments TPS23751PWPR Datasheet HTML 7Page - Texas Instruments TPS23751PWPR Datasheet HTML 8Page - Texas Instruments TPS23751PWPR Datasheet HTML 9Page - Texas Instruments TPS23751PWPR Datasheet HTML 10Page - Texas Instruments TPS23751PWPR Datasheet HTML 11Page - Texas Instruments TPS23751PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TPS23751, TPS23752
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
www.ti.com
6.7 Electrical Characteristics - Sleep Mode (TPS23752 Only)
Unless otherwise noted, 40 V
≤ VDD ≤ 57 V; VCTL = VMODE = VSLPb = VB; VSRT = 0.5 V; VAPD = VCS = VARTN = VRTN; CLS, GATE,
LED, SRD, T2P open; RWAKE = 392 kΩ; RDEN = 24.9 kΩ; RT = 34 kΩ; CVB = CVC = 0.1 µF;
–40
≤ TJ ≤ 125°C. Typical values are at 25°C. All voltages referred to VSS.
VDD = 48 V, VAPD = VARTN = VRTN = VVSS, VVC = 13 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SLPb
SLPb threshold
VSLPb falling until ILED
1.10
1.66
2.10
V
Input pullup current
4
5.7
8
µA
MODE
MODE threshold
MODE falling unti ILED
1.10
1.66
2.10
V
MODE hysteresis (1)
1.6
V
Input pullup current
4
5.7
8
µA
WAKE
Output voltage
Sleep mode
2.43
2.50
2.57
V
RWKPLUP
Pull-up resistance
3.95
5.33
6.88
k
Ω
LED
Output low voltage
SLPb
↓, ILED = 10 mA
0.60
0.90
1.50
V
Leakage current
VLED = 18 V
10
µA
SLEEP SUPPLY CURRENT
Sleep supply current when
VAPD = 2 V; SLPb ↓, measure IVDD
0.5
1
mA
APD is enabled
Pulsed mode: VMODE = 0 V; SLPb ↓,
10.0
10.6
11.5
mApk
Measure IVDD 0 ≤ ILED ≤ 10 mA
MPS supply current
DC mode: VMODE = VB, then SLPb ↓,
10.0
10.6
11.5
mA
Measure IVDD 0 ≤ ILED ≤ 10 mA
MPS pulsed current duty cycle
28.80%
28.88%
28.95%
MPS pulsed mode duty
MPS pulsed current ON time
75
87.5
ms
cycle
MPS pulsed current OFF time
215
250
ms
(1)
Parameters provided for reference only, and do not constitute part of TI published specifications for purposes of TI product warranty.
8
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS23751 TPS23752


Número de pieza similar - TPS23751PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23751PWPR TI1-TPS23751PWPR Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
More results

Descripción similar - TPS23751PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
Linear Technology
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
   DC/DC Converter adjustable, wide input range pfm controller
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com