Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74701DRCRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74701DRCRG4
Descripción Electrónicos  500-mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701DRCRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS74701DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS74701
SBVS099G – NOVEMBER 2007 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
At TJ = –40°C to 125°C, unless otherwise noted. All voltages are with respect to GND.
(1)
MIN
MAX
UNIT
VIN, VBIAS
Input voltage
–0.3
6
V
VEN
Enable voltage
–0.3
6
V
VPG
Power good voltage
–0.3
6
V
IPG
PG sink current
0
1.5
mA
VSS
Soft-start voltage
–0.3
6
V
VFB
Feedback voltage
–0.3
6
V
VOUT
Output voltage
–0.3
VIN + 0.3
V
IOUT
Maximum output current
Internally limited
Output short-circuit duration
Indefinite
PDISS
Continuous total power dissipation
See Thermal Information
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
VOUT + VDO (VIN)
VOUT + 0.3
5.5
V
VEN
Enable supply voltage
0
VIN
5.5
V
VBIAS
(1)
BIAS supply voltage
VOUT + VDO (VBIAS)
(2)
VOUT + 1.4
(2)
5.5
V
VOUT
Output voltage
0.8
3.3
V
IOUT
Output current
0
500
mA
COUT
Output capacitor
2.2
µF
CIN
Input capacitor(3)
1
µF
CBIAS
Bias capacitor
0.1
1
µF
TJ
Operating junction temperature
–40
125
°C
(1)
BIAS supply is required when VIN is below VOUT + 1.62 V.
(2)
VBIAS has a minimum voltage of 2.7 V or VOUT + VDO (VBIAS), whichever is higher.
(3)
If VIN and VBIAS are connected to the same supply, the recommended minimum capacitor for the supply is 4.7 μF.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS74701


Número de pieza similar - TPS74701DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI-TPS74701DRCRG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI-TPS74701DRCRG4 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Descripción similar - TPS74701DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com