Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92640 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS92640
Descripción Electrónicos  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92640 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS92640_15 Datasheet HTML 7Page - Texas Instruments TPS92640_15 Datasheet HTML 8Page - Texas Instruments TPS92640_15 Datasheet HTML 9Page - Texas Instruments TPS92640_15 Datasheet HTML 10Page - Texas Instruments TPS92640_15 Datasheet HTML 11Page - Texas Instruments TPS92640_15 Datasheet HTML 12Page - Texas Instruments TPS92640_15 Datasheet HTML 13Page - Texas Instruments TPS92640_15 Datasheet HTML 14Page - Texas Instruments TPS92640_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IN
OUT
OFF
ON
ON
V
V
T
T
T
D
u
K
CS
LED
OUT
V
V
V
VIN
RON
UDIM
VOUT
VREF
IADJ
COMP
SDIM
HG
SW
BOOT
VCC
LG
CS
GND
SDRV
DAP
TPS92640/641
PWM
*SDIM
VIN
CIN1
CIN2
RUDIM1
RUDIM2
RUDIM3
CON
RON
RVOUT2
CVREF
RIADJ1
RIADJ2
CCOMP
RHG
RLG
CBOOT
DBOOT
RF
CVCC
RCS
L
QHS
QLS
*QSDIM
COUT
RVOUT1
*TPS92641 ONLY
TPS92640, TPS92641
www.ti.com
SNVS902A – OCTOBER 2012 – REVISED OCTOBER 2015
7.3 Feature Description
Figure 13. Synchronous Buck LED Driver
7.3.1 Controlled On-Time Architecture
The control architecture is a combination of valley current control and a one-shot on-timer that varies with input
and output voltage. The TPS92640 and TPS92641 devices use a series resistor in the LED path to sense both
average LED current and valley inductor current. During the time that the high side NFET is turned on (tON), the
input voltage charges up the inductor. When it is turned off (tOFF) and the low side NFET is turned on, the
inductor discharges. During both intervals, the current is supplied to the load keeping the LEDs forward biased.
Figure 14 shows the inductor current (iL) waveform for a buck converter operating in continuous conduction mode
(CCM). As the system changes input voltage or output voltage, duty cycle D is varied indirectly by changing both
tON and tOFF to regulate IL and ultimately ILED. For any buck regulator, duty cycle, D, is calculated using
Equation 1.
where
VCS is the voltage measured at the CS pin of the IC and η is the estimated or actual converter efficiency.
(1)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS92640 TPS92641


Número de pieza similar - TPS92640_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Descripción similar - TPS92640_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92640 TI-TPS92640 Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com