Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74701DRCTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74701DRCTG4
Descripción Electrónicos  500-mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701DRCTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS74701DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
100
90
80
70
60
50
40
30
20
10
0
0
200
400
I
(mA)
OUT
500
+125 C
°
+25 C
°
-
°
40 C
100
300
200
180
160
140
120
100
80
60
40
20
0
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
V
V
-
BIAS
OUT (V)
4.5
+125 C
°
+25 C
°
-
°
40 C
I
=0.5A
OUT
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10
20
30
40
I
(mA)
OUT
50
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
200
400
I
(mA)
OUT
500
+125 C
°
+25 C
°
-
°
40 C
100
300
0.20
0.15
0.10
0.05
0
-0.05
-0.01
-0.15
-0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
V
-
IN
OUT (V)
5.0
+125 C
°
+25 C
°
-
°
40 C
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
V
-
BIAS
OUT (V)
4.0
+125 C
°
+25 C
°
-
°
40 C
TPS74701
www.ti.com
SBVS099G – NOVEMBER 2007 – REVISED OCTOBER 2015
6.6 Typical Characteristics: VEN = VIN
At TJ = 25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 5 V, IOUT = 50 mA, VEN = VIN, CIN = 1 μF, CBIAS = 4.7 μF, and COUT = 10 μF,
unless otherwise noted.
Figure 1. VIN Line Regulation
Figure 2. VBIAS Line Regulation
Figure 3. Load Regulation
Figure 4. Load Regulation
Figure 5. Dropout Voltage vs IOUT and Temperature (TJ)
Figure 6. Dropout Voltage vs (VBIAS – VOUT) and
Temperature (TJ)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS74701


Número de pieza similar - TPS74701DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Descripción similar - TPS74701DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com