Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2066C-2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2066C-2
Descripción Electrónicos  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2066C-2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2066C-2 Datasheet HTML 3Page - Texas Instruments TPS2066C-2 Datasheet HTML 4Page - Texas Instruments TPS2066C-2 Datasheet HTML 5Page - Texas Instruments TPS2066C-2 Datasheet HTML 6Page - Texas Instruments TPS2066C-2 Datasheet HTML 7Page - Texas Instruments TPS2066C-2 Datasheet HTML 8Page - Texas Instruments TPS2066C-2 Datasheet HTML 9Page - Texas Instruments TPS2066C-2 Datasheet HTML 10Page - Texas Instruments TPS2066C-2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
www.ti.com
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
7.4 Thermal Information
TPS2052C
TPS2062C
TPS2066C
TPS2062C
TPS2002C
TPS2066C-2
TPS2062C-2
TPS2066C
TPS2003C
TPS2060C
THERMAL METRIC(1)(2)
UNIT
TPS2064C
TPS2064C-2
DGN (MSOP)
D (SOIC)
DRB (SON)
DRC (VSON)
8 PINS
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
57.2
129.9
50.8
45.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
110.5
83.5
60.3
58
°C/W
RθJB
Junction-to-board thermal resistance
60.7
70.4
26.3
21.1
°C/W
ψJT
Junction-to-top characterization parameter
7.8
36.6
2.1
1.9
°C/W
ψJB
Junction-to-board characterization parameter
24
66.9
26.5
21.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
14.3
n/a
9.8
9.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
7.5 Electrical Characteristics: TJ = TA = 25°C
VIN = 5 V, VENx = VIN or VENx = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
TPS2052C (0.5 A)
DGN
70
84
TPS2052C (0.5 A)
DGN
70
95
–40°C
≤ (TJ, TA) ≤ 85°C
TPS2062C, 66C, and 66C-2 (1 A)
DGN
70
84
TPS2062C, 66C, and 66C-2 (1 A),
DGN
70
95
–40°C
≤ (TJ, TA) ≤ 85°C
TPS2062C and 66C (1 A)
D
90
108
TPS2062C and 66C (1 A)
D
90
122
–40°C
≤ (TJ, TA) ≤ 85°C
rDS(on)
On-resistance
m
Ω
TPS2062C-2 (1 A)
DRB
73
87
TPS2062C-2 (1 A)
DRB
73
101
–40°C
≤ (TJ, TA) ≤ 85°C
TPS2060C, 64C, and 64C-2 (1.5 A)
70
84
TPS2060C, 64C, and 64C-2 (1.5 A)
70
95
–40°C
≤ (TJ, TA) ≤ 85°C
TPS2002C and 03C (2 A)
70
84
TPS2002C and 03C (2 A)
70
95
–40°C
≤ (TJ, TA) ≤ 85°C
CURRENT LIMIT
TPS2052C (0.5 A)
0.75
1
1.25
TPS2062C, 62C-2, 66C, and 66C-2 (1 A)
1.28
1.61
1.94
IOS
Current-limit (see Figure 28)
A
TPS2060C, 64C, and 64C-2 (1.5 A)
1.83
2.29
2.75
TPS2002C and 03C (2 A)
2.55
3.15
3.77
SUPPLY CURRENT
ISD
Supply current, switch disabled
I(OUTx) = 0 mA
0.01
1
IS1E
Supply current, single switch enabled
I(OUTx) = 0 mA
60
75
IS2E
Supply current, both switches enabled
I(OUTx) = 0 mA
100
120
µA
VOUT = 0 V, VIN = 5.5 V, disabled,
Leakage current
TPS20xxC-2
0.05
1
measured IVIN
ILKG
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measured I(OUTx)
0.15
1
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Número de pieza similar - TPS2066C-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2066C TI1-TPS2066C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CD TI1-TPS2066CD Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDGN TI1-TPS2066CDGN Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDGNR TI1-TPS2066CDGNR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDR TI1-TPS2066CDR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2066C-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com