Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2069CDGNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2069CDGNR
Descripción  Current Limited, Power-Distribution Switches
Descarga  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2069CDGNR Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
10
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 6. Output Characteristic Showing Current Limit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn