Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2069CDGNR-2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2069CDGNR-2
Descripción Electrónicos  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2069CDGNR-2 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2069CDGNR-2 Datasheet HTML 1Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 2Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 3Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 4Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 5Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 6Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 7Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 8Page - Texas Instruments TPS2069CDGNR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
GND
8
OUT
2
IN
7
OUT
3
IN
6
OUT
4
EN/EN
5
FLT
1
GND
8
OUT
2
IN
7
OUT
3
IN
6
OUT
4
EN/EN
5
FLT
PowerPAD
4
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
"–" indicates the device is not available in this package.
5 Device Comparison Table
MAXIMUM
OPERATING
CURRENT
OUTPUT
DISCHARGE
ENABLE
BASE PART
NUMBER
PACKAGED DEVICE AND MARKING(1)
MSOP-8 (DGN)
PowerPAD™
SOT23-5
(DBV)
VSSOP-8
(DGK)
0.5
Y
Low
TPS2041C
(2)
PYJI
0.5
Y
High
TPS2051C
VBYQ
1
Y
Low
TPS2061C
PXMI
PXLI
1
Y
High
TPS2065C
VCAQ
VCAQ
1
N
High
TPS2065C-2
PYRI
PYQI
1.5
Y
Low
TPS2068C
PXNI
1.5
Y
High
TPS2069C
VBUQ
PYKI
1.5
N
High
TPS2069C-2
PYSI
2
Y
Low
TPS2000C
BCMS
PXFI
2
Y
High
TPS2001C
VBWQ
PXGI
6 Pin Configuration and Functions
DGN Package
8-Pin MSOP-PowerPAD
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Functions - 8 Pins
PIN
I/O
DESCRIPTION
NAME
NO.
EN/EN
4
I
Enable input, logic high turns on power switch
FLT
5
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions
GND
1
Ground connection
IN
2, 3
PWR
Input voltage and power-switch drain; connect a 0.1-µF or greater ceramic capacitor from IN to
GND close to the IC
OUT
6, 7, 8
PWR
Power-switch output, connect to load
PowerPAD
(DGN Only)
PowerPAD
Internally connected to GND. Connect PAD to GND plane as a heatsink for the best thermal
performance. PAD may be left floating if desired. See Power Dissipation and Junction
Temperature for guidance.


Número de pieza similar - TPS2069CDGNR-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2069CDGNR-2 TI-TPS2069CDGNR-2 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2069CDGNR-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com