Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC479MP86 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

No. de pieza HMC479MP86
Descripción Electrónicos  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC479MP86 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC479MP86 Datasheet HTML 1Page - Hittite Microwave Corporation HMC479MP86 Datasheet HTML 2Page - Hittite Microwave Corporation HMC479MP86 Datasheet HTML 3Page - Hittite Microwave Corporation HMC479MP86 Datasheet HTML 4Page - Hittite Microwave Corporation HMC479MP86 Datasheet HTML 5Page - Hittite Microwave Corporation HMC479MP86 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 252
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC479MP86
v00.0603
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5.0 GHz
Application Circuit
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
3
RFOUT
RF output and DC Bias (Vcc) for the output stage.
2, 4
GND
These pins must be connected to RF/DC ground.
Recommended Component Values for Key Application Frequencies
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5000
L1
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
6.8 nH
C1, C2
0.01 µF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. External blocking capacitors are required on
RFIN and RFOUT.
2. RBIAS provides DC bias stability over temperature.
Recommended Bias Resistor Values
for Icc= 72 mA, Rbias= (Vs - Vcc) / Icc
Supply Voltage (Vs)
5V
6V
8V
10V
12V
RBIAS VALUE
13
27
51
82
110
RBIAS POWER RATING
1/8 W
1/4 W
1/2 W
1/2 W
1 W


Número de pieza similar - HMC479MP86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC479MP86 HITTITE-HMC479MP86 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86E HITTITE-HMC479MP86E Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results

Descripción similar - HMC479MP86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC482ST89 HITTITE-HMC482ST89 Datasheet
333Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC481MP86 HITTITE-HMC481MP86 Datasheet
205Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC481ST89 HITTITE-HMC481ST89 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC469MS8G HITTITE-HMC469MS8G Datasheet
310Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com