Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3533TME-40A Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM3533TME-40A
Descripción Electrónicos  Complete Lighting Power Solution for Smartphone Handsets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533TME-40A Datasheet(HTML) 3 Page - Texas Instruments

  LM3533TME-40A Datasheet HTML 1Page - Texas Instruments LM3533TME-40A Datasheet HTML 2Page - Texas Instruments LM3533TME-40A Datasheet HTML 3Page - Texas Instruments LM3533TME-40A Datasheet HTML 4Page - Texas Instruments LM3533TME-40A Datasheet HTML 5Page - Texas Instruments LM3533TME-40A Datasheet HTML 6Page - Texas Instruments LM3533TME-40A Datasheet HTML 7Page - Texas Instruments LM3533TME-40A Datasheet HTML 8Page - Texas Instruments LM3533TME-40A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
A1
A2
B1
B2
B3
A3
C2
C1
C3
D2
D3
A4
B4
C4
D4
D1
E2
E3
E4
E1
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
YFQ Package
20-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Integrated charge pump flying capacitor negative terminal. Connect a 1-µF ceramic capacitor
A1
C
OUT
from C+ to C
−.
Integrated charge pump flying capacitor positive terminal. Connect a 1-µF ceramic capacitor
A2
C+
OUT
from C+ to C
−.
A3
CPOUT
OUT
Integrated charge pump output terminal. Bypass CPOUT to GND with a 1-µF ceramic capacitor.
A4
IN
IN
Input voltage connection. Bypass IN to GND with a minimum 2.2-µF ceramic capacitor.
B1
SCL
IN
Serial clock connection for I2C-compatible interface.
B2
SDA
I/O
Serial data connection for I2C-compatible interface.
Overvoltage sense Input. Connect OVP to the positive terminal of the inductive boost's output
B3
OVP
IN
capacitor (COUT).
B4
GND
GND
Ground
Input pin to high-voltage current sink 1 (40 V maximum). The boost converter regulates the
C1
HVLED1
IN
minimum of HVLED1 and HVLED2 to 0.4 V.
ALS interrupt output (INT). When INT mode is enabled this pin becomes an open-drain output
C2
INT
OUT
that pulls low when the ALS changes zones. On power-up, INT mode is disabled and is high
impedance and must be tied high or low.
PWM brightness control input for CABC operation. PWM is a high-impedance input and cannot
C3
PWM
IN
be left floating.
Drain connection for the internal NFET. Connect SW to the junction of the inductor and the
C4
SW
IN
Schottky diode anode.
Input pin high-voltage current sink 2 (40 V maximum). The boost converter regulates the
D1
HVLED2
IN
minimum of HVLED1 and HVLED2 to 0.4 V.
D2
ALS
IN
Ambient light sensor input.
Hardware enable input. Drive this pin high to enable the device. Drive this pin low to force the
D3
HWEN
IN
device into a low power shutdown. HWEN is a high-impedance input and cannot be left floating.
D4
LVLED5
IN
Low-voltage current sink 5
E1
LVLED1
IN
Low-voltage current sink 1
E2
LVLED2
IN
Low-voltage current sink 2
E3
LVLED3
IN
Low-voltage current sink 3
E4
LVLED4
IN
Low-voltage current sink 4
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3533


Número de pieza similar - LM3533TME-40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3533TME-40A TI1-LM3533TME-40A Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
More results

Descripción similar - LM3533TME-40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
logo
National Semiconductor ...
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
   Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
   Complete Baseband Processor for DECT Handsets
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
   Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Lumileds Lighting Compa...
DS66 LUMILEDS-DS66 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com