Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2505B1RGWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2505B1RGWR
Descripción Electrónicos  Integrated Dual USB Switches, Boost Converter and LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2505B1RGWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2505B1RGWR Datasheet HTML 5Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 6Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 7Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 8Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 9Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 10Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 11Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 12Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
R
L
C
L
OUT
V
OUT
10%
90%
tr
90%
t
f
50%
90%
50%
10%
t
on
t
off
V
OUT
VEN
TEST CIRCUIT
VOLTAGE WAVEFORMS
0
0.5
1
1.5
2
2.5
3
3.5
4
0
100
200
300
400
500
IO( LDOOUT) – LDO Output Current - mA
VIN = VAUX
VLDOIN
V
LDOOUT
VRESET
TPS2505
www.ti.com
SPAS093C – DECEMBER 2009 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 8. LDO Output Voltage vs Output Current
Figure 7. LDO RESET Deglitch Time
7 Parameter Measurement Information
Figure 9. Test Circuit and Voltage Waveforms
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2505


Número de pieza similar - TPS2505B1RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2505B1RGWR TI-TPS2505B1RGWR Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
More results

Descripción similar - TPS2505B1RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
   Boost Converter for WLED Power with Dual LDO
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com