Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61130PWG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS61130PWG4
Descripción Electrónicos  Synchronous SEPIC and Flyback Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61130PWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61130PWG4 Datasheet HTML 6Page - Texas Instruments TPS61130PWG4 Datasheet HTML 7Page - Texas Instruments TPS61130PWG4 Datasheet HTML 8Page - Texas Instruments TPS61130PWG4 Datasheet HTML 9Page - Texas Instruments TPS61130PWG4 Datasheet HTML 10Page - Texas Instruments TPS61130PWG4 Datasheet HTML 11Page - Texas Instruments TPS61130PWG4 Datasheet HTML 12Page - Texas Instruments TPS61130PWG4 Datasheet HTML 13Page - Texas Instruments TPS61130PWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Anti-
Ringing
Gate
Control
PGND
Regulator
Error
Amplifier
PGND
Control Logic
Oscillator
Temperature
Control
VOUT
PGND
FB
LDOIN
LDOOUT
SWN
VBAT
EN
PGOOD
ENLDO
SKIPEN
GND
LBI
LBO
SWP
_
+
_
+
Backgate
Control
Vmax
Control
VOUT
100 k
20 pF
_
+
Vref = 0.5 V
GND
Backgate
Control
Error
Amplifier
LDOSENSE
_
+
_
+
Vref = 0.5 V
GND
Low Battery
Comparator
_
+
Vref = 0.5 V
GND
TPS61130, TPS61131, TPS61132
SLVS431C – JUNE 2002 – REVISED SEPTEMBER 2015
www.ti.com
9 Detailed Description
9.1 Overview
The TPS6113x synchronous step-up converter typically operates at a 500-kHz frequency pulse width modulation
(PWM) at moderate to heavy load currents. The converter enters Power Save mode at low load currents to
maintain a high efficiency over a wide load. The Power Save mode can also be disabled, forcing the converter to
operate at a fixed switching frequency. The device includes an additional built-in LDO which can be used to
generate a second output voltage derived from the output of the TPS6113x or an external power supply.
Additionally, TPS6113x integrated the low-battery detector circuit is used to supervise the battery voltage and to
generate an error flag when the battery voltage drops below a user-set threshold voltage.
9.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS61130 TPS61131 TPS61132


Número de pieza similar - TPS61130PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61130PW TI-TPS61130PW Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130PWR TI-TPS61130PWR Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Descripción similar - TPS61130PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Technology
LT8711 LINER-LT8711 Datasheet
266Kb / 8P
   Micropower Synchronous Sepic Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com