Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS65030 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPS65030 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 27 page TPS65030 SLVS620C – JULY 2007 – REVISED SEPTEMBER 2015 www.ti.com Electrical Characteristics (continued) VIN = 3.6 V, CI = 10 µF, TA = –40°C to 85°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT CHARGE PUMP STAGE FOR Vout2 Output voltage, Vout2 Normal mode 3.3 V Output voltage tolerance –3% 3% VO CO2 = 1 μF, IO2 = 22 mA 15 Output voltage ripple mVPP Real cap including aging, DC bias (0.58 μF) 30 Maximum output current Normal mode 22 mA IO Output current limit Normal mode(1) 50 70 mA Output voltage, Vout2 Sleep mode (LDO mode only) 3.3 V VO VO drops with the battery for an input voltage Output voltage tolerance in sleep mode –10% 4% less than 3.3 V Maximum output current Sleep mode 100 μA Voltage drop in sleep mode Sleep mode, IO2 = 100 μA 25 150 mV Output current limit in sleep mode Vout2 shorted to GND 5 10 mA Skip current limit 5 mA f Switching frequency 0.83 1 1.17 MHz η Efficiency VIN = 3.6 V, IO2 = 22 mA , Vout2 = 3.3 V 90% Input current limit LDO mode 50 70 mA Input current limit Charge pump mode 100 140 mA Based on the nominal output voltage (3.3 V) V(PG2) Power good threshold –15% Vout2 increasing CHARGE PUMP STAGE FOR Vout3 Output voltage, Vout3 Normal mode 1.5 V VO Output voltage tolerance –3% 3% Output voltage ripple CO3 = 10 μF, IO3 = 200 mA 30 mVPP Maximum output current Normal mode 200 mA IO Output current limit Normal mode(2) 400 600 mA Output voltage Sleep mode 1.5 V VO Output voltage tolerance in sleep mode –4% 4% Maximum output current Sleep mode 100 μA Output current limit in sleep mode Vout3 shorted to GND 5 10 mA Skip current limit 20 mA f Switching frequency 0.83 1 1.17 MHz η Efficiency VIN = 3.6 V, Iout3 = 200 mA , Vout3 = 1.5 V 80% Input current limit LDO mode 400 600 mA Input current limit Charge pump mode 200 300 mA Based on the nominal output voltage (1.5 V) V(PG3) Power good threshold –10% Vout3 increasing (1) Overload condition, current is approximately 25 mA if the output is shorted to GND. (2) Overload condition, current is lower if the output is shorted to GND. 6 Submit Documentation Feedback Copyright © 2007–2015, Texas Instruments Incorporated Product Folder Links: TPS65030 |
Número de pieza similar - TPS65030_15 |
|
Descripción similar - TPS65030_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |