Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L62215CT-ND Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza L62215CT-ND
Descripción Electrónicos  Li-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

L62215CT-ND Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  L62215CT-ND Datasheet HTML 1Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 2Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 3Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 4Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 5Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 6Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 7Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 8Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Pin Descriptions
Pin #
Symbol
Function
1
TS
Battery temperature sense input.
2, 3, 8, 12
N/C
Not connected.
4
STAT
Battery charger status output. Connect an LED in series with 2.2k from STAT to VIN for a visual
monitor battery charge state or connect to a microcontroller to monitor battery status. A 100k
resistor should be placed between STAT and VIN for this function.
5
VSS
Common ground connection.
6
DRV
Battery charge control output.
7
T2X
Battery trickle charge control input. Connect this pin to VSS to double the battery trickle charge cur-
rent. Leave this pin floating for normal trickle current (10% of full charge current). To enter micro-
controller fast-read status, pull this pin high during power up.
9BAT
Battery charge control output. Current regulated output to charge the battery. For best operation, a
0.1μF ceramic capacitor should be placed between BAT and GND.
10
VSS
Common ground connection.
11
GATE
Input voltage for biasing the pass device.
13
VP
Battery charge power input.
14
CSI
Current sense input.
15
BSENSE
Battery voltage sense input.
16
VCC
AAT3682 bias input power.
EP
Exposed paddle (bottom); connect to GND directly beneath the package.
Pin Configuration
QFN44-16
(Top View)
1
2
3
4
12
11
10
9
TS
N/C
N/C
STAT
BAT
VSS
GATE
N/C
AAT3682


Número de pieza similar - L62215CT-ND

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AD STMICROELECTRONICS-L6221AD Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AD STMICROELECTRONICS-L6221AD Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
More results

Descripción similar - L62215CT-ND

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com