Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZ1004-QT-0G0T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza XZ1004-QT-0G0T
Descripción Electrónicos  MoCA Compliant Front-End GaAs IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1004-QT-0G0T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XZ1004-QT-0G0T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Front End GaAs IC
475 - 625 MHz
Rev. V3
XZ1004-QT
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 MoCA Compliant Front-End GaAs IC
 Linear Power Amplifier
 Integrated PA Bias Control
 PA Power Down Mode
 Transmit/Receive Switch
 Transmit Power Detector
 0/3 dB Transmit Attenuator
 0/15 dB Receive Attenuator
 3.3 Volt Single Bias
 Integrated Digital Control Logic
 Compatible with EN2512 & EN2552
 Lead-free 3 mm 16-lead PQFN Package
 RoHS* Compliant
 50 Ω Characteristic Impedance
Description
The XZ1004-QT is an integrated front end GaAs IC
for MoCA mid-band RF applications which is fully
compatible with Entropic Communications chipset. It
is housed in an industry standard 3 mm PQFN
package and operates from a single 3.3 V bias. The
chip includes a power amplifier, transmit/receive
switch, power detector, switched attenuators, bias
circuits and digital control circuitry. The transmit path
includes a 3 dB switched attenuator and power
detector
for
gain
adjustment
and
linearity
optimization. A switched attenuator in the receiver
provides a 15 dB gain step. The integrated bias
circuit stabilizes transmit amplifier performance over
temperature and process variation with power
down functionality and optional bias adjustment.
The device typically delivers 20 dBm at P1dB and
+34 dBm OIP3 across the operating temperature
range. The digital inputs control all circuit operating
modes and are compatible with Entropic’s MoCA
chipsets.
Ordering Information1,2
Part Number
Package
XZ1004-QT-0G0T
Tape and Reel
XZ1004-QT-EV1
Sample Test Board
Functional Block Diagram
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RX_ATT
9
VD1
2
TX_RX
10
L_OP
3
CAL
11
I_O
4
TX_IN
12
DET_ATT
5
TX_ATT
13
VD3
6
PWR_DWN
14
VDET
7
VD2
15
RX_OUT
8
BIAS_ADJ
16
RX_ADJ
17
Paddle3
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
RXOUT
TXIN
RFI/O
RX Atten Adj
Digital
Controls
Shut Down /
Bias Adj
Det.
Atten Adj
Det.
Out
VDD
T/R SWITCH
Detector
Bias
TX_ATT
Buffer /
Driver
Buffer /
Driver &
Logic
Buffer /
Driver
RX_ATT
CAL SWITCH


Número de pieza similar - XZ1004-QT-0G0T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
XZ1003-QT-0G0T MA-COM-XZ1003-QT-0G0T Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT-EV1 MA-COM-XZ1003-QT-EV1 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
More results

Descripción similar - XZ1004-QT-0G0T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com