Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61054 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS61054
Descripción Electrónicos  High-Power White LED Driver 2-mHz Synchronous Boost Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61054 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61054_15 Datasheet HTML 1Page - Texas Instruments TPS61054_15 Datasheet HTML 2Page - Texas Instruments TPS61054_15 Datasheet HTML 3Page - Texas Instruments TPS61054_15 Datasheet HTML 4Page - Texas Instruments TPS61054_15 Datasheet HTML 5Page - Texas Instruments TPS61054_15 Datasheet HTML 6Page - Texas Instruments TPS61054_15 Datasheet HTML 7Page - Texas Instruments TPS61054_15 Datasheet HTML 8Page - Texas Instruments TPS61054_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPS61054, TPS61055
www.ti.com
SLUS760B – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
5 Device Options
PART NUMBER(1)(2)
TORCH CURRENT(3)
FLASH CURRENT(3)
SAFETY TIMER MAXIMUM
CURRENT LIMIT
DURATION
TPS61054DRC
75 mA
700 mA
820 ms
1500 mA (ILIM = 01)
TPS61055DRC
75 mA
500 mA
820 ms
1000 mA (ILIM = 00)
(1)
All devices are specified for operation in the commercial temperature range, –40°C to 85°C
(2)
The YZG package is available in tape and reel. Add R suffix (TPS6105xYZGR, TPS6105xDRCR) to order quantities of 3000 parts. Add
T suffix (TPS6105xDRCT) to order quantities of 250 parts.
(3)
For customized current settings, please contact the factory.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61054 TPS61055


Número de pieza similar - TPS61054_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61054DRC TI-TPS61054DRC Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRC TI-TPS61054DRC Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRCR TI-TPS61054DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRCT TI-TPS61054DRCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054YZG TI-TPS61054YZG Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
More results

Descripción similar - TPS61054_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com