Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS259251DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS259251DRCT
Descripción Electrónicos  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259251DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS259251DRCT Datasheet HTML 1Page - Texas Instruments TPS259251DRCT Datasheet HTML 2Page - Texas Instruments TPS259251DRCT Datasheet HTML 3Page - Texas Instruments TPS259251DRCT Datasheet HTML 4Page - Texas Instruments TPS259251DRCT Datasheet HTML 5Page - Texas Instruments TPS259251DRCT Datasheet HTML 6Page - Texas Instruments TPS259251DRCT Datasheet HTML 7Page - Texas Instruments TPS259251DRCT Datasheet HTML 8Page - Texas Instruments TPS259251DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
GND
dV/dT
VIN
EN/UVLO
ILIM
NC
OUT
OUT
OUT
VIN
VIN
1
5
6
10
TPS259250, TPS259251, TPS259260, TPS259261
www.ti.com
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
5 Device Comparison Table
PART NUMBER
UV
OV CLAMP
FAULT RESPONSE
STATUS
TPS259250
4.3 V
6.1 V
Latched
Active
TPS259251
4.3 V
6.1 V
Auto Retry
Active
TPS259260
4.3 V
15 V
Latched
Active
TPS259261
4.3 V
15 V
Auto Retry
Active
6 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
dV/dT
1
Connect a capacitor from this pin to GND to control the ramp rate of OUT voltage at device turn-on.
This is a dual function control pin. When used as an ENABLE pin and pulled down, it shuts off the internal
EN/UVLO
2
pass MOSFET. When pulled high, it enables the device.
As an UVLO pin, it can be used to program different UVLO trip point via external resistor divider.
GND
Thermal Pad
GND
ILIM
10
A resistor from this pin to GND will set the overload and short circuit limit.
NC
9
Not Connected Internally. Can be left floating or grounded.
OUT
6-8
Output of the device
VIN
3-5
Input supply voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


Número de pieza similar - TPS259251DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Descripción similar - TPS259251DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com