Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS259260DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS259260DRCR
Descripción Electrónicos  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259260DRCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS259260DRCR Datasheet HTML 1Page - Texas Instruments TPS259260DRCR Datasheet HTML 2Page - Texas Instruments TPS259260DRCR Datasheet HTML 3Page - Texas Instruments TPS259260DRCR Datasheet HTML 4Page - Texas Instruments TPS259260DRCR Datasheet HTML 5Page - Texas Instruments TPS259260DRCR Datasheet HTML 6Page - Texas Instruments TPS259260DRCR Datasheet HTML 7Page - Texas Instruments TPS259260DRCR Datasheet HTML 8Page - Texas Instruments TPS259260DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
VIN
OUT
EN/UVLO
dV/dT
GND
TPS25925x/6x
ILIM
RLIM
COUT
CdVdT
R1
R2
VIN
OUT
30 m:
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS259250, TPS259251, TPS259260, TPS259261
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
TPS25925x/6x Simple 5-V/12-V eFuse Protection Switches
1 Features
3 Description
The TPS25925x/6x family of eFuses is a highly
1
12-V eFuse – TPS25926x
integrated circuit protection and power management
5-V eFuse – TPS25925x
solution in a tiny package. The devices use few
Integrated 30-m
Ω Pass MOSFET
external components and provide multiple protection
modes. They are a robust defense against overloads,
Fixed Over-Voltage Clamp:
shorts circuits, voltage surges, excessive inrush
6.1-V Clamp - TPS25925x
current, and reverse current. Current limit level can
15-V Clamp - TPS25926x
be set with a single external resistor and current limit
set has a typical accuracy of ±15%. Over voltage
2-A to 5-A Adjustable ILIMIT (±15% Accuracy)
events are limited by internal clamping circuits to a
Programmable VOUT Slew Rate, UVLO
safe fixed maximum, with no external components
Built-in Thermal Shutdown
required. TPS25926x devices provide over voltage
UL 2367 Recognition Pending
protection (OVP) for 12-V systems and TPS25925x
devices for 5-V systems. In cases with particular
Safe During Single Point Failure Test (UL60950)
voltage ramp requirements, a dV/dT pin is provided
Small Foot Print – 10L (3mm x 3mm) VSON
that can be programmed with a single capacitor to
ensure proper output ramp rates.
2 Applications
Device Information(1)
HDD and SSD Drives
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Set Top Boxes
TPS259250,
Servers / AUX Supplies
TPS259251
VSON (10)
3.00 mm × 3.00 mm
PCI/PCIe Cards
TPS259260,
TPS259261
Adapter Powered Devices
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic
Transient: Output Short Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS259260DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Descripción similar - TPS259260DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com