Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74002E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
74002E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page Industrial Ethernet Cables SF/UTP Cat 5e – 4 Pair Cables A range of shielded copper cables for use in industrial Ethernet networks, designed to withstand the entire spectrum of environmental and mechanical hazards, from temperature extremes and sunlight, to solvents, oils, chemicals and moisture. Ordering Information Belden European Item Numbers Jacket Jacket Jacket Jacket Material Material Material Material Performance Performance Performance Performance Number Number Number Number of Pairs of Pairs of Pairs of Pairs Stationary Stationary Stationary Stationary Application Application Application Application Flexible Flexible Flexible Flexible Appl Appl Appl Application ication ication ication Highly Flexible Highly Flexible Highly Flexible Highly Flexible Application Application Application Application PVC Cat 5e 4 Pairs 74001E 74002E Premium FRNC Cat 5e 4 Pairs 74001NH 74002NH PUR (Halogen Free) Cat 5e 4 Pairs 74001PU 74002PU 74003PU Applications • Industrial environments where IP67 may be required • Transmission of data in industrial applications via the ethernet protocol • Stationary applications, where there is no movement after installation • Flexible applications, subject to occasional movement or vibration after installation • Highly flexible, trailing applications, for instance ‘C Track’ Features & Benefits • Choice of PVC, Premium FRNC or PUR cable jacket for specific application requirements in the harsh industrial environment • High shield coverage to maintain signal integrity in the industrial ‘noisy’ environment • Oil resistant • Chemical & solvent resistant • Temperature resistant • Abrasion resistant • Excellent mechanical resistance • Weld-splatter resistant PUR cable jacket available on request • IP67 rated • UV resistant • Black cable jacket |
Número de pieza similar - 74002E |
|
Descripción similar - 74002E |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |