Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21C-A Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

No. de pieza BAS21C-A
Descripción Electrónicos  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS21C-A Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  BAS21C-A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS21C-A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS21C-A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6273DFNDJH2XWOLQH'LPHQVLRQV
6276XJJHVWHG3DG/D\RXW
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
0°8°0°6°
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP
http://www.yeashin.com
3
REV.02 20140305
PACKAGE OUTLINE AND DIMENSIONS
BAS21/A/C/S -A


Número de pieza similar - BAS21C-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
BAS21C WEITRON-BAS21C Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21C DGNJDZ-BAS21C Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21C PANJIT-BAS21C Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21C JIANGSU-BAS21C Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21C BILIN-BAS21C Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Descripción similar - BAS21C-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com