Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV70 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

No. de pieza BAV70
Descripción Electrónicos  Monolithic Dual Switching Diode Common Cathode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV70 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAV70 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV70 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAV70 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
BAV70
Monolithic Dual Switching Diode
Common Cathode
SOT–23
3
CATHODE
1
ANODE
2
ANODE
1
2
3
Device
Marking
Shipping
BAV70
A4
3000 Tape & Reel
ORDERING INFORMATION
MAXIMUM RATINGS (TA= 25°C)
Rating
Symbol
Max
Unit
Reverse Voltage
V R
70
Vdc
Forward Current
I F
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate(2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICEMARKING
BAV70 = A4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFFCHARACTERISTICS
Reverse Breakdown Voltage
V(BR)
70
Vdc
(I
(BR)
= 100
µAdc)
Reverse Voltage Leakage Current
I R
µAdc
(VR = 25 Vdc,TJ=150°C)
60
(VR = 70 Vdc)
2.5
(VR = 70 Vdc,TJ=150°C)
100
Diode Capacitance
C D
1.5
pF
(VR = 0, f = 1.0 MHz)
Forward Voltage
VF
mVdc
(IF = 1.0 mAdc)
715
(IF = 10 mAdc)
855
(IF = 50 mAdc)
1000
(IF = 150 mAdc)
1250
Reverse Recovery Time
RL=100
trr
6.0
ns
(IF= IR=10 mAdc, VR=5.0Vdc, IR(REC)= 1.0 mAdc) (Figure 1)
1. FR–5 = 1.0 × 0.75 × 0.062 in.
2. Alumina = 0.4 × 0.3 × 0.024 in. 99.5% alumina.
Pb−Free Package is Available.
H


Número de pieza similar - BAV70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
CHENG-YI ELECTRONIC CO....
BAV70 CHENG-YI-BAV70 Datasheet
63Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Micro Commercial Compon...
BAV70 MCC-BAV70 Datasheet
88Kb / 2P
   350mW 75 Volt Dual Switching Diode
logo
Foshan Blue Rocket Elec...
BAV70 FOSHAN-BAV70 Datasheet
809Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
More results

Descripción similar - BAV70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BAV70LT1 ONSEMI-BAV70LT1 Datasheet
55Kb / 4P
   Monolithic Dual Switching Diode Common Cathode
November, 2001 ??Rev. 2
logo
Leshan Radio Company
BAV70LT1 LRC-BAV70LT1 Datasheet
27Kb / 1P
   Monolithic Dual Switching Diode Common Cathode
LBAV70LT1 LRC-LBAV70LT1 Datasheet
62Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6T1 ONSEMI-BAV70DXV6T1 Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
logo
Zowie Technology Corpor...
BAV70 ZOWIE-BAV70 Datasheet
50Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE
logo
Yea Shin Technology Co....
BAV70-A YEASHIN-BAV70-A Datasheet
655Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6 ONSEMI-BAV70DXV6 Datasheet
62Kb / 4P
   Monolithic Dual Switching Diode Common Cathode
April, 2015 ??Rev. 6
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com