Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM365T110T300B00 Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza BCM365T110T300B00
Descripción Electrónicos  Fixed Ratio DC-DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM365T110T300B00 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM365T110T300B00 Datasheet HTML 1Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 2Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 3Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 4Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 5Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 6Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 7Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 8Page - Vicor Corporation BCM365T110T300B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 4 of 19
07/2015
800 927.9474
BCM352x110y300B00
2.0 ELECTRICAL CHARACTERISTICS (CONT.)
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
PROTECTION
Input overvoltage lockout threshold
VIN_OVLO+
390
V
Input overvoltage recovery threshold
VIN_OVLO-
366
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
4
V
Overvoltage lockout response time
TOVLO
47
µs
Fault recovery time
TAUTO_RESTART
380
440
500
ms
Input undervoltage lockout threshold
VIN_UVLO-
275
293
315
V
Input undervoltage recovery threshold
VIN_UVLO+
285
307
325
V
Input undervoltage lockout hysteresis
VIN_UVLO_HYST
14
V
Undervoltage lockout response time
TUVLO
47
µs
Output overcurrent trip threshold
IOCP
30
40
50
A
Output overcurrent response time constant
TOCP
Effective internal RC filter
4.4
ms
Short circuit protection trip threshold
ISCP
45
A
Short circuit protection response time
TSCP
1
µs
Thermal shutdown threshold
TJ_OTP
125
ºC
Output Voltage (V)
P (ave)
P (pk), < 10ms
I (ave)
I (pk), < 10ms
Safe Operating Area
Average and Peak
0
5
9
14
18
23
27
32
36
41
45
0
50
100
150
200
250
300
350
400
450
500
9.9
10.0 10.2 10.4 10.5 10.7 10.9 11.1
11.2
11.4
11.6
Figure 1 — Safe operating area


Número de pieza similar - BCM365T110T300B00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
BCM3034 BOARDCOM-BCM3034 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
BCM3037 BOARDCOM-BCM3037 Datasheet
119Kb / 2P
   BCM3037 QAMLINK-R UNIVERSAL BURST MODULATOR
BCM3037 BOARDCOM-BCM3037 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
More results

Descripción similar - BCM365T110T300B00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com