Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384P120M1K5AC1 Datasheet(PDF) 9 Page - Vicor Corporation

No. de pieza BCM384P120M1K5AC1
Descripción Electrónicos  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120M1K5AC1 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button BCM384P120M1K5AC1 Datasheet HTML 5Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 6Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 7Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 8Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 9Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 10Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 11Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 12Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 9 of 23
05/2015
800 927.9474
BCM384y120x1K5AC1
Signal Characteristics
Specifications apply over all line, load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
UART SER-IN / SER-OUT Pins
• Universal Asynchronous Receiver/Transmitter (UART) pins.
• The BCM communication version is not intended to be used without a Digital Supervisor.
• Isolated I2C communication and telemetry is available when using Vicor Digital Isolator and Vicor Digital Supervisor. Please see specific product data sheet
for more details.
• UART SER-IN pin is internally pulled high using a 1.5 kΩ to 3.3 V.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
GENERAL I/O
Regular
Operation
Baud Rate
BRUART
Rate
750
Kbit/s
DIGITAL
INPUT
SER-IN Pin
SER-IN Input Voltage Range
VSER-IN_IH
2.3
V
VSER-IN_IL
1
V
SER-IN rise time
tSER-IN_RISE
10% to 90%
400
ns
SER-IN fall time
tSER-IN_FALL
10% to 90%
25
ns
SER-IN RPULLUP
RSER-IN_PLP
Pull up to 3.3 V
1.5
SER-IN External Capacitance
CSER-IN_EXT
400
pF
DIGITAL
OUTPUT
SER-OUT Pin
SER-OUT Output Voltage
Range
VSER-OUT_OH
0 mA ≥ IOH ≥ -4 mA
2.8
V
VSER-OUT_OL
0 mA ≤ IOL ≤ 4 mA
0.5
V
SER-OUT rise time
tSER-OUT_RISE
10% to 90%
55
ns
SER-OUT fall time
tSER-OUT_FALL
10% to 90%
45
ns
SER-OUT source current
ISER-OUT
VSER-OUT = 2.8 V
6
mA
SER-OUT output impedance
ZSER-OUT
120
Ω
Enable / Disable Control
• The EN pin is a standard analog I/O configured as an input to an internal µC.
• It is internally pulled high to 3.3 V.
• When held low the BCM internal bias will be disabled and the powertrain will be inactive.
• In an array of BCMs, EN pins should be interconnected to synchronize startup and permit startup into full load conditions.
• Enable / disable command will have no effect if the EN pin is disabled.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
ANALOG
INPUT
Startup
EN to Powertrain active time
tEN_START
VIN > VIN_UVLO+,
EN held low both conditions satisfied
for t > tUVLO+_DELAY
250
µs
Regular
Operation
EN Voltage Threshold
VENABLE
2.3
V
EN Resistance (Internal)
REN_INT
Internal pull up resistor
1.5
EN Disable Threshold
VEN_DISABLE_TH
1
V


Número de pieza similar - BCM384P120M1K5AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384P120M1K5AC1 VICOR-BCM384P120M1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
More results

Descripción similar - BCM384P120M1K5AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com