Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3871CCYE100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3871CCYE100
Descripción Electrónicos  Sitara ARM Processors
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871CCYE100 Datasheet(HTML) 2 Page - Texas Instruments

  AM3871CCYE100 Datasheet HTML 1Page - Texas Instruments AM3871CCYE100 Datasheet HTML 2Page - Texas Instruments AM3871CCYE100 Datasheet HTML 3Page - Texas Instruments AM3871CCYE100 Datasheet HTML 4Page - Texas Instruments AM3871CCYE100 Datasheet HTML 5Page - Texas Instruments AM3871CCYE100 Datasheet HTML 6Page - Texas Instruments AM3871CCYE100 Datasheet HTML 7Page - Texas Instruments AM3871CCYE100 Datasheet HTML 8Page - Texas Instruments AM3871CCYE100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 358 page
background image
AM3874, AM3871
SPRS695D – SEPTEMBER 2011 – REVISED JANUARY 2016
www.ti.com
OTG
– Supports TDM, I2S, and Similar Formats
– Supports End-point 0–15
• Serial ATA (SATA) 3.0 Gbps Controller With
Integrated PHY
• One PCI-Express® 2.0 Port With Integrated PHY
– Direct Interface to One Hard Disk Drive
– Single Port With One Lane at 5.0 GT/s
– Hardware-Assisted Native Command Queuing
– Configurable as Root Complex or End-point
(NCQ) from up to 32 Entries
• Eight 32-Bit General-Purpose Timers
– Supports Port Multiplier and Command-Based
(Timer1–Timer8)
Switching
• One System Watchdog Timer (WDT0)
• Real-Time Clock (RTC)
• Six Configurable UART/IrDA/CIR Modules
– One-Time or Periodic Interrupt Generation
– UART0 With Modem Control Signals
• Up to 128 General-Purpose I/O (GPIO) Pins
– Supports up to 3.6864 Mbps UART0/1/2
• One Spin Lock Module With up to 128 Hardware
– Supports up to 12 Mbps UART3/4/5
Semaphores
– SIR, MIR, FIR (4.0 MBAUD), and CIR
• One Mailbox Module With 12 Mailboxes
• Four Serial Peripheral Interfaces (SPIs) (up to
• On-Chip ARM ROM Bootloader (RBL)
48 MHz)
• Power, Reset, and Clock Management
– Each With Four Chip Selects
– Multiple Independent Core Power Domains
• Three MMC/SD/SDIO Serial Interfaces (up to
– Multiple Independent Core Voltage Domains
48 MHz)
– Support for Three Operating Points (OPP100,
– Three Supporting up to 1-, 4-, or 8-Bit Modes
OPP120, OPP166) per Voltage Domain
• Dual Controller Area Network (DCAN) Modules
– Clock Enable and Disable Control for
– CAN Version 2 Part A, B
Subsystems and Peripherals
• Four Inter-Integrated Circuit (I2C Bus) Ports
• 32KB of Embedded Trace Buffer (ETB) and
• Six Multichannel Audio Serial Ports (McASPs)
5-Pin Trace Interface for Debug
– Dual 10 Serializer Transmit and Receive Ports
• IEEE 1149.1 (JTAG) Compatible
– Quad Four Serializer Transmit and Receive
• 684-Pin Pb-Free BGA Package (CYE Suffix),
Ports
0.8-mm Ball Pitch With Via Channel Technology to
– DIT-Capable For S/PDIF (All Ports)
Reduce PCB Cost
• Multichannel Buffered Serial Port (McBSP)
• 45-nm CMOS Technology
– Transmit and Receive Clocks up to 48 MHz
• 1.8- and 3.3-V Dual Voltage Buffers for General
– Two Clock Zones and Two Serial Data Pins
I/O
1.2
Applications
Single-Board Computing
Interactive Point-of-Service and Information
Kiosks
Network and Communications Processing
Portable Data Terminals
Industrial Automation
Human Machine Interface
2
High-Performance System-on-Chip (SoC)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871


Número de pieza similar - AM3871CCYE100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3871 TI1-AM3871 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYE100 TI1-AM3871BCYE100 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYE80 TI1-AM3871BCYE80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYEA80 TI1-AM3871BCYEA80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
More results

Descripción similar - AM3871CCYE100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com