Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3352BZCED60 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3352BZCED60
Descripción Electrónicos  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCED60 Datasheet(HTML) 5 Page - Texas Instruments

  AM3352BZCED60 Datasheet HTML 1Page - Texas Instruments AM3352BZCED60 Datasheet HTML 2Page - Texas Instruments AM3352BZCED60 Datasheet HTML 3Page - Texas Instruments AM3352BZCED60 Datasheet HTML 4Page - Texas Instruments AM3352BZCED60 Datasheet HTML 5Page - Texas Instruments AM3352BZCED60 Datasheet HTML 6Page - Texas Instruments AM3352BZCED60 Datasheet HTML 7Page - Texas Instruments AM3352BZCED60 Datasheet HTML 8Page - Texas Instruments AM3352BZCED60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 253 page
background image
ARM
Cortex-A8
Up to 1 GHz
32KB and 32KB L1 + SED
256KB L2 + ECC
176KB ROM 64KB RAM
Graphics
PowerVR
SGX
3D GFX
Crypto
64KB
shared
RAM
24-bit LCD controller
Touch screen controller
Display
PRU-ICSS
EtherCAT, PROFINET,
EtherNet/IP,
and more
L3 and L4 interconnect
USB 2.0 HS
OTG + PHY x2
CAN x2
(Ver. 2 A and B)
McASP x2
(4 channel)
I C x3
2
SPI x2
UART x6
Serial
System
Parallel
eDMA
Timers x8
WDT
RTC
eHRPWM x3
eQEP x3
PRCM
eCAP x3
ADC (8 channel)
12-bit SAR
JTAG
Crystal
Oscillator x2
MMC, SD and
SDIO x3
GPIO
EMAC (2-port) 10M, 100M, 1G
IEEE 1588v2, and switch
(MII, RMII, RGMII)
mDDR(LPDDR), DDR2,
DDR3, DDR3L
(16-bit; 200, 266, 400, 400 MHz)
NAND and NOR (16-bit ECC)
Memory interface
Copyright © 2016, Texas Instruments Incorporated
5
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the AM335x microprocessor functional block diagram.
Figure 1-1. AM335x Functional Block Diagram


Número de pieza similar - AM3352BZCED60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3352BZCED60 TI1-AM3352BZCED60 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCED60 TI1-AM3352BZCED60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCED60 TI1-AM3352BZCED60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCED60 TI1-AM3352BZCED60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCED60 TI1-AM3352BZCED60 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Descripción similar - AM3352BZCED60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com