Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3357BZCZD60 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3357BZCZD60
Descripción Electrónicos  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3357BZCZD60 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM3357BZCZD60 Datasheet HTML 48Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 49Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 50Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 51Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 52Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 53Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 54Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 55Page - Texas Instruments AM3357BZCZD60 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 253 page
background image
52
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
(1) SIGNAL NAME: The signal name
(2) DESCRIPTION: Description of the signal
(3) TYPE: Ball type for this specific function:
I = Input
O = Output
I/O = Input/Output
D = Open drain
DS = Differential
A = Analog
(4) BALL: Package ball location
ADC Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
AIN0
Analog Input/Output
A
B8
B6
AIN1
Analog Input/Output
A
A11
C7
AIN2
Analog Input/Output
A
A8
B7
AIN3
Analog Input/Output
A
B11
A7
AIN4
Analog Input/Output
A
C8
C8
AIN5
Analog Input
A
B12
B8
AIN6
Analog Input
A
A10
A8
AIN7
Analog Input
A
A12
C9
VREFN
Analog Negative Reference Input
AP
B9
A9
VREFP
Analog Positive Reference Input
AP
A9
B9
Debug Subsystem Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
EMU0
MISC EMULATION PIN
I/O
A15
C14
EMU1
MISC EMULATION PIN
I/O
D14
B14
EMU2
MISC EMULATION PIN
I/O
A18, C15
A15, A17, C13
EMU3
MISC EMULATION PIN
I/O
B15, B18
B17, D13, D14
EMU4
MISC EMULATION PIN
I/O
B16, U17
A14, C15, T13
nTRST
JTAG TEST RESET (ACTIVE LOW)
I
A13
B10
TCK
JTAG TEST CLOCK
I
B14
A12
TDI
JTAG TEST DATA INPUT
I
B13
B11
TDO
JTAG TEST DATA OUTPUT
O
A14
A11
TMS
JTAG TEST MODE SELECT
I
C14
C11
LCD Controller Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
lcd_ac_bias_en
LCD AC bias enable chip select
O
W7
R6
lcd_data0
LCD data bus
I/O
U1
R1
lcd_data1
LCD data bus
I/O
U2
R2
lcd_data10
LCD data bus
I/O
U5
U3
lcd_data11
LCD data bus
I/O
V5
U4
lcd_data12
LCD data bus
I/O
V6
V2
lcd_data13
LCD data bus
I/O
U6
V3
lcd_data14
LCD data bus
I/O
W6
V4
lcd_data15
LCD data bus
I/O
V7
T5
lcd_data16
LCD data bus
O
V17
U13
lcd_data17
LCD data bus
O
W17
V13


Número de pieza similar - AM3357BZCZD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3357BZCZD60 TI1-AM3357BZCZD60 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3357BZCZD60 TI1-AM3357BZCZD60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZD60 TI1-AM3357BZCZD60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZD60 TI1-AM3357BZCZD60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZD60 TI1-AM3357BZCZD60 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Descripción similar - AM3357BZCZD60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com