Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC1061CIN Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
ADC1061CIN Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 11 page 1.0 Modes of Operation (Continued) 2.0 Reference Considerations The ADC1061 has two reference inputs. These inputs, V REF+ and VREF−, are fully differential and define the zero to full-scale range of the input signal. The reference inputs can be connected to span the entire supply voltage range (V REF− = 0V, V REF+ = VCC) for ratiometric applications, or they can be connected to different voltages (as long as they are be- tween ground and V CC) when other input spans are required. Reducing the overall V REF span to less than 5V increases the sensitivity of the converter (e.g., if V REF = 2V, then 1LSB = 1.953 mV). Note, however, that linearity and offset errors become larger when lower reference voltages are used. See the Typical Performance Curves for more information. Refer- ence voltages less than 2V are not recommended. In most applications, V REF− will simply be connected to ground, but it is often useful to have an input span that is off- set from ground. This situation is easily accommodated by the reference configuration used in the ADC1061. V REF− can be connected to a voltage other than ground as long as the reference for this pin is capable of sinking current. If V REF− is connected to a voltage other than ground, bypass it with mul- tiple capacitors. Since the resistance between the two reference inputs can be as low as 400 Ω, the voltage source driving the reference inputs should have low output impedance. Any noise on ei- ther reference input is a potential cause of conversion errors, so each of these pins must be supplied with a clean, low noise voltage source. Each reference pin should normally be bypassed with a 10 µF tantalum and a 0.1 µF ceramic ca- pacitor. More bypassing may be necessary in some sys- tems. The choice of reference voltage source will depend on the requirements of the system. In ratiometric data acquisition systems with a power supply-referenced sensor, the refer- ence inputs are normally connected to V CC and GND, and no reference other than the power supply is necessary. In absolute measurement systems requiring 10-bit accuracy, a reference with better than 0.1% accuracy will be necessary. 3.0 The Analog Input The ADC1061 samples the analog input voltage once every conversion cycle. When this happens, the input is briefly connected to an impedance approximately equal to 600 Ω in series with 35 pF. Short-duration current spikes can there- fore be observed at the analog input during normal opera- tion. These spikes are normal and do not degrade the con- vertor’s performance. Note that large source impedances can slow the charging of the sampling capacitors and degrade conversion accuracy. Therefore, only signal sources with output impedances less than 500 Ω should be used if rated accuracy is to be achieved at the minimum sample time. If the sampling time is increased, the source impedance can be larger. If a signal source has a high output impedance, its output should be buffered with an operational amplifier. The operational ampli- fier’s output should be well-behaved when driving a switched 35 pF/600 Ω load. Any ringing or voltage shifts at the op amp’s output during the sampling period can result in con- version errors. Correct conversion results will be obtained for input voltages greater than GND − 50 mV and less than V + + 50 mV. Do not allow the signal source to drive the analog input pin more than 300 mV higher than AV CC and DVCC, or more than 300 mV lower than GND. If the analog input pin is forced beyond these voltages, the current flowing through the pin should be limited to 5 mA or less to avoid permanent damage to the ADC1061. 4.0 Inherent Sample-and-Hold Because the ADC1061 samples the input signal once during each conversion, it is capable of measuring relatively fast in- put signals without the help of an external sample-hold. In a conventional successive-approximation A/D converter, re- gardless of speed, the input signal must be stable to better than ±1⁄2 LSB during each conversion cycle or sig- nificant errors will result. Consequently, even for many rela- tively slow input signals, the signals must be externally sampled and held constant during each conversion. DS010559-14 FIGURE 4. Typical connection. Note the multiple bypass capacitors on the reference and power supply pins. If V REF− is not grounded, it should also be bypassed to ground using multiple capacitors (see 5.0 “Power Supply Considerations”). www.national.com 8 |
Número de pieza similar - ADC1061CIN |
|
Descripción similar - ADC1061CIN |