Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM48BT120M300A00 Datasheet(PDF) 11 Page - Vicor Corporation

No. de pieza BCM48BT120M300A00
Descripción Electrónicos  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT120M300A00 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button BCM48BT120M300A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 9Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 10Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 11Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 12Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 13Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 14Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BCM® Bus Converter
Rev 1.7
vicorpower.com
Page 11 of 18
07/2015
800 927.9474
x120 300
y
B
48
BCM
A00
9.0 SINE AMPLITUDE CONVERTER™ POINT OF LOAD CONVERSION
The Sine Amplitude Converter (SAC™) uses a high frequency
resonant tank to move energy from input to output. (The
resonant tank is formed by Cr and leakage inductance Lr in the
power transformer windings as shown in the BCM module
Block Diagram. See Section 8). The resonant LC tank, operated
at high frequency, is amplitude modulated as a function of
input voltage and output current. A small amount of
capacitance embedded in the input and output stages of the
module is sufficient for full functionality and is key to achieving
power density.
The BCM48BF120T300A00 SAC can be simplified into the
preceeding model.
At no load:
VOUT = VIN K
(1)
K represents the “turns ratio” of the SAC.
Rearranging Eq (1):
K=
VOUT
(2)
VIN
In the presence of load, VOUT is represented by:
VOUT = VIN K – IOUT ROUT
(3)
and IOUT is represented by:
IOUT =
IIN –IQ
(4)
K
ROUT represents the impedance of the SAC, and is a function of
the RDSON of the input and output MOSFETs and the winding
resistance of the power transformer. IQ represents the
quiescent current of the SAC control, gate drive circuitry, and
core losses.
The use of DC voltage transformation provides additional
interesting attributes. Assuming that ROUT = 0 Ω and IQ = 0 A,
Eq. (3) now becomes Eq. (1) and is essentially load
independent, resistor R is now placed in series with VIN.
The relationship between VIN and VOUT becomes:
VOUT = (VIN –IIN R) K
(5)
Substituting the simplified version of Eq. (4)
(IQ is assumed = 0 A) into Eq. (5) yields:
VOUT = VIN K – IOUT R K2
(6)
+
+
VOUT
COUT
VIN
V•I
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
109 mA
1/4 • IOUT
1/4 • VIN
9.0 m
Ω
RCIN
0.57 m
Ω
973 pH
3.13
Ω
RCOUT
430 µ
Ω
47 µF
LOUT = 600 pH
2 µF
IQ
LIN = 5.7 nH
IOUT
ROUT
VIN
VOUT
R
SAC
K = 1/32
Vin
Vout
+
VIN
VOUT
R
SAC™
K = 1/4
Figure 14 — K = 1/4 Sine Amplitude Converter™
with series input resistor
Figure 13 — VI Chip
® module AC model
COUT
CIN


Número de pieza similar - BCM48BT120M300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BT120M300A00 VICOR-BCM48BT120M300A00 Datasheet
1Mb / 18P
   Bus Converter
More results

Descripción similar - BCM48BT120M300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com