Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814V60E15A3C06 Datasheet(PDF) 9 Page - Vicor Corporation

No. de pieza BCM3814V60E15A3C06
Descripción Electrónicos  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3C06 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button BCM3814V60E15A3C06 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 9Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 10Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 11Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 12Page - Vicor Corporation BCM3814V60E15A3C06 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 9 of 38
05/2016
800 927.9474
BCM3814x60E15A3yzz
PMBusTM Reported Characteristics
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Monitored Telemetry
• The BCM communication version is not intended to be used without a Digital Supervisor.
ATTRIBUTE
DIGITAL SUPERVISOR
PMBusTM READ COMMAND
ACCURACY
(RATED RANGE)
FUNCTIONAL
REPORTING RANGE
UPDATE
RATE
REPORTED UNITS
HI Side Voltage
(88h) READ_VIN
± 5%(LL - HL)
28V to 66V
100µs
VACTUAL = VREPORTED x 10-1
HI Side Current
(89h) READ_IIN
± 20%(10 - 20% of FL)
± 5%(20 - 133% of FL)
-1A to 44A
100µs
IACTUAL = IREPORTED x 10-2
LO Side Voltage[1]
(8Bh) READ_VOUT
± 5%(LL - HL)
7.0V to 16.55V
100µs
VACTUAL = VREPORTED x 10-1
LO Side Current
(8Ch) READ_IOUT
± 20%(10 - 20% of FL)
± 5%(20 - 133% of FL)
-4A to 176A
100µs
IACTUAL = IREPORTED x 10-2
LO Side Resistance
(D4h) READ_ROUT
± 5%(50 - 100% of FL) at NL
± 10%(50 - 100% of FL)(LL - HL)
500µ to 3000µ
100ms
RACTUAL = RREPORTED x 10-5
Temperature[2]
(8Dh) READ_TEMPERATURE_1
± 7°C(Full Range)
- 55ºC to 130ºC
100ms
TACTUAL = TREPORTED
Variable Parameter
• Factory setting of all below Thresholds and Warning limits are 100% of listed protection values.
• Variables can be written only when module is disabled either EN pulled low or VHI < VHI_UVLO-.
• Module must remain in a disabled mode for 3ms after any changes to the below variables allowing ample time to commit changes to EEPROM.
ATTRIBUTE
DIGITAL SUPERVISOR
PMBusTM COMMAND [3]
CONDITIONS / NOTES
ACCURACY
(RATED RANGE)
FUNCTIONAL
REPORTING
RANGE
DEFAULT
VALUE
HI Side Overvoltage
Protection Limit
(55h) VIN_OV_FAULT_LIMIT
VHI_OVLO- is automatically 3%
lower than this set point
± 5%(LL - HL)
28V to 66V
100%
HI Side Overvoltage
Warning Limit
(57h) VIN_OV_WARN_LIMIT
± 5%(LL - HL)
28V to 66V
100%
HI Side Undervoltage
Protection Limit
(D7h) DISABLE_FAULTS
Can only be disabled to a preset
default value
± 5%(LL - HL)
28V or 66V
100%
HI Side Overcurrent
Protection Limit
(5Bh) IIN_OC_FAULT_LIMIT
± 20%(10 - 20% of FL)
± 5%(20 - 133% of FL)
0 to 44A
100%
HI Side Overcurrent
Warning Limit
(5Dh) IIN_OC_WARN_LIMIT
± 20%(10 - 20% of FL)
± 5%(20 - 133% of FL)
0 to 44A
100%
Overtemperature
Protection Limit
(4Fh) OT_FAULT_LIMIT
Internal Temperature
± 7°C(Full Range)
0 to 125°C
100%
Overtemperature
Warning Limit
(51h) OT_WARN_LIMIT
Internal Temperature
± 7°C( Full Range)
0 to 125°C
100%
Turn on Delay
(60h) TON_DELAY
Additional time delay to the
Undervoltage Startup Delay
± 50µs
0 to 100ms
0ms
[3] Refer to internal µc datasheet for complete list of supported commands.
[1] Default READ LO Side Voltage returned when unit is disabled = -300V.
[2] Default READ Temperature returned when unit is disabled = -273°C.


Número de pieza similar - BCM3814V60E15A3C06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814V60E15A3C06 VICOR-BCM3814V60E15A3C06 Datasheet
1Mb / 39P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814V60E15A3C06 VICOR-BCM3814V60E15A3C06 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814V60E15A3C06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com