Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM3814V60E15A3T06 Datasheet(PDF) 10 Page - Vicor Corporation

No. de pieza BCM3814V60E15A3T06
Descripción Electrónicos  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3T06 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button BCM3814V60E15A3T06 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 9Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 10Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 11Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 12Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 13Page - Vicor Corporation BCM3814V60E15A3T06 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 10 of 38
05/2016
800 927.9474
BCM3814x60E15A3yzz
Signal Characteristics
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted. Please note: For chassis mount model, Vicor part number 42550 will be
needed for applications requiring the use of the signal pins. Signal cable 42550 is rated up to five insertions and extractions. To avoid unnecessary stress on the
connector, the cable should be tied to the chassis.
EXT. BIAS (VDDB) Pin
• 5V supply input, required to power the circuitry internal to the BCM in a VIA package for communication signals such as SCL, SDA, ADDR etc
• Voltage to EXT BIAS pin is needed for PMBus enable and disable control. It is not needed for PMBus monitoring voltage, current, power or temperature.
Lower voltage is better. It will help to lower the power dissapation in the internal regulator that is generating 3.3V voltage for communication circuits.
• Apply voltage to this pin between 4.5V and 9V. The nominal voltage is 5V.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
INPUT
Regular
Operation
VDDB Voltage
VVDDB
4.5
5
9
V
VDDB Current consumption
IVDDB
50
mA
Startup
Inrush Current Peak
IVDDB_INR
VVDDB Slew Rate = 1V/µs
3.5
A
Turn on time
tVDDB_ON
From VVDDB_MIN to PMBus active
1.5
ms
SGND Pin
• This pin is supply return pin for Ext. Bias (VDDB) pin.
• All input and output signals (SCL, SDA, ADDR) are referenced to SGND pin.
Address (ADDR) Pin
• This pin programs only a Fixed and Persistent slave address for BCM in a VIA package.
• This pin programs the address using a resistor between ADDR pin and signal ground.
• The address is sampled during startup and is used until power is reset.
• This pin has 10kΩ pullup resistor internally between ADDR pin and internal VDD.
• 16 addresses are available. Relative to nominal value of internal VDD (VVDD_NOM = 3.3V), a 206.25mV range per address.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
MULTI‐LEVEL
INPUT
Regular
Operation
ADDR Input Voltage
VSADDR
See address section
0
3.3
V
ADDR leakage current
ISADDR
Leakage current
1
µA
Startup
ADDR registration time
tSADDR
From VVDD_IN_MIN
1
ms


Número de pieza similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 39P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814V60E15A3T06 VICOR-BCM3814V60E15A3T06 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM3814V60E15A3T06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com