Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM6123S60E10AST0R Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza BCM6123S60E10AST0R
Descripción Electrónicos  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123S60E10AST0R Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM6123S60E10AST0R Datasheet HTML 2Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 3Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 4Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 5Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 6Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 7Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 8Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 9Page - Vicor Corporation BCM6123S60E10AST0R Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 6 of 23
09/2015
800 927.9474
BCM6123x60E10A5yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain PRIMARY to SECONDARY Specification (Forward Direction) Cont.
Effective Primary Capacitance
(Internal)
CPRI_INT
Effective Value at 54 VPRI_DC
11.2
µF
Effective Secondary Capacitance
(Internal)
CSEC_INT
Effective Value at 9 VSEC_DC
202
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_EXT
Excessive capacitance may drive module into SC
protection
4000
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_AEXT
CSEC_OUT_AEXT Max = N * 0.5 * CSEC_OUT_EXT MAX, where
N = the number of units in parallel
Protection PRIMARY to SECONDARY (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
490
560
ms
Primary Overvoltage Lockout
Threshold
VPRI_OVLO+
64
66
68
V
Primary Overvoltage Recovery
Threshold
VPRI_OVLO-
60
64
66
V
Primary Overvoltage Lockout
Hysteresis
VPRI_OVLO_HYST
2
V
Primary Overvoltage Lockout
Response Time
tPRI_OVLO
100
µs
Primary Undervoltage Lockout
Threshold
VPRI_UVLO-
26
28
30
V
Primary Undervoltage Recovery
Threshold
VPRI_UVLO+
28
30
32
V
Primary Undervoltage Lockout
Hysteresis
VPRI_UVLO_HYST
2
V
Primary Undervoltage Lockout
Response Time
tPRI_UVLO
100
µs
Primary Undervoltage Startup Delay
tPRI_UVLO+_DELAY
From VPRI_DC = VPRI_UVLO+ to powertrain active, EN
floating, (i.e One time Startup delay form application
of VPRI_DC to VSEC_DC)
20
ms
Primary Soft-Start Time
tPRI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
Secondary Output Overcurrent Trip
Threshold
ISEC_OUT_OCP
170
225
260
A
Secondary Output Overcurrent
Response Time Constant
tSEC_OUT_OCP
Effective internal RC filter
3
ms
Secondary Output Short Circuit
Protection Trip Threshold
ISEC_OUT_SCP
225
A
Secondary Output Short Circuit
Protection Response Time
tSEC_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C
Overtemperature Recovery
Threshold
tOTP–
105
110
115
°C
Undertemperature Shutdown
Threshold
tUTP
Temperature sensor located inside controller IC;
Protection not available for M-Grade units.
-45
°C
Undertemperature Restart Time
tUTP_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
3
s


Número de pieza similar - BCM6123S60E10AST0R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM6123S60E15A3M01 VICOR-BCM6123S60E15A3M01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M02 VICOR-BCM6123S60E15A3M02 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M0P VICOR-BCM6123S60E15A3M0P Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M0R VICOR-BCM6123S60E15A3M0R Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3T01 VICOR-BCM6123S60E15A3T01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM6123S60E10AST0R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com