Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Item
HDMITM 1.3 Spec
Pericom Product Spec
Operating Conditions
Termination Supply Voltage, VDD
3.3V ≤ 5%
3.30 ± 5%
Terminal Resistance
50-ohm ± 10%
45 to 55-ohm
Source DC Characteristics at TP1
Single-ended high level output voltage, VH
VDD ± 10mV
VDD ±10mV
Single-ended low level output voltage, VL
( VDD - 600mV) ≤ VL ≤ ( VDD - 400mV)
( VDD - 600mV) ≤ VL ≤ ( VDD -
400mV)
Single-ended output swing voltage, Vswing
400mV ≤ Vswing ≤ 600mV
400mV ≤ Vswing ≤ 600mV
Single-ended standby (off) output voltage, Voff
VDD ± 10mV
VDD ± 10mV
Transmitter AC Characteristics at TP1
Risetime/Falltime (20%-80%)
75ps ≤ Risetime/Falltime ≤ 0.4 Tbit
(75ps ≤ tr/tf ≤ 242ps) @ 1.65 Gbps
240ps
Intra-Pair Skew at Transmitter Connector, max
0.15 Tbit
(90.9ps @ 1.65 Gbps)
60ps max
Inter-Pair Skew at Transmitter Connector, max
0.2 Tpixel
(1.2ns @ 1.65 Gbps)
100ps max
Clock Jitter, max
0.25 Tbit
(151.5ps @ 1.65 Gbps)
82ps max
Sink Operating DC Characteristics at TP2
Input Differential Voltage Level, Vdiff
150 ≤ Vdiff ≤ 1200mV
150mV ≤ VDIFF ≤ 1200mV
Input Common Mode Voltage Level, VICM
( VDD - 300mV) ≤ Vicm ≤
( VDD-37.5mV)
Or
VDD ±10%
( VDD - 300mV) ≤ Vicm ≤
( VDD-37.5mV)
Or
VDD ±10%
Sink DC Characteristics When Source Disabled or Disconnected at TP2
Differential Voltage Level
VDD ± 10mV
VDD ±10mV
TMDS Compliance Test Results
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn