Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PS8959B
10/01/09
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with Optimized
Equalization for Enhanced Signal Integrity
Features
• Supply voltage, VDD = 3.3V ±5%
• Each of the three input ports can support HDMI™ or DVI
signals
• Supports both AC-coupled and DC-coupled inputs
• Supports DeepColor™
• High Performance, up to 2.5 Gbps per channel
• Switching support for 3 side band signals
(SCL, SDA and HPD)
• 5V Tolerance on all side band signals
• SCL, SDA, and HPD pins are the only pins that can support
HOT INSERTION
• Integrated 50-ohm (±10%) termination resistors at each high
speed signal input
• TMDS input termination control on all high speed inputs
• HDCP reset circuitry for quick communication when
switching from one port to another
• Configurable output swing control
• Configurable Pre-Emphasis levels
• Configurable De-Emphasis
• Optimized Equalization
Single default setting will support all cable lengths
• 8kV Contact ESD protection on all input data/clock channels
per IEC61000-4-2
• Propagation delay ≤ 2ns
• High Impedance Outputs when disabled
• Packaging (Pb-free & Green):
− 80-pin LQFP (FF80)
− 64-pin TQFN (ZL64)
Description
Pericom Semiconductor’s PI3HDMI301 3:1 active switch circuit
is targeted for high-resolution video networks that are based
on DVI/HDMI™ standards and TMDS signal processing. The
PI3HDMI301 is an active 3 TMDS to 1 TMDS receiver switch
with Hi-Z outputs. The device receives differential signals from
selected video components and drives the video display unit. It
provides controllable output swings, as well as provides a unique
advanced pre-emphasis technique to increase rise and fall times
which are reduced during transmission across long distances.
Each complete HDMI/DVI channel also has slower speed, side
band signals, that are required to be switched. Pericom’s solution
provides a complete solution by integrating the side band switch
together with the high speed switch in a single solution. Using
Equalization at the input of each of the high speed channels,
Pericom can successfully eliminate deterministic jitter caused by
long cables from the source to the sink. The elimination of the
deterministic jitter allows the user to use much longer cables (up
to 25 meters).
The maximum DVI/HDMIBandwidth of 2.5 Gbps provides 36-bit
Deep Color™ support, which is offered by HDMI™ revision 1.3.
Due to its active uni-directional feature, this switch is designed
for usage only for the video receiver’s side. For consumer video
networks, the device sits at the receiver’s side to switch between
multiple video components, such as PC, DVD, STB, D-VHS,
etc. The PI3HDMI301 also provides enhanced robust ESD/EOS
protection of 8kV, which is required by many consumer video
networks today.
The Optimized Equalization provides the user a single optimal
setting that can provide passing results for HDMI jitter tests for
all cable lengths: 1meter to 20meters with DeepColor support up
to 36bits.
Pericom also offers the ability to fine tune the equalization settings
in situations where cable length is known. For example, if 25meter
cable length is required, Pericom's solution can be adjusted to
16dB EQ to accept 25meter cable length.
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn