Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
Control Pins (OC_Sx, EQ_Sx, Sx, OE)
IIH
High-level digital input current
VIH= 2.0V or VDD
-10
10
μA
IIL
Low-level digital input current
VIL = GND or 0.8V
-10
10
Status Pins (HPD_SINK)
IIH
High-level digital input current
VIH = 5.3V
-50
50
μA
VIH = 2.0V or VDD
-10
10
IIL
Low-level digital input current
VIL = GND or 0.8V
-10
10
Electrical Characteristics (Continued)
Notes:
1. All typical values are at 25
°C and with a 3.3V supply.
2. The value is tested in full temperature range at 3.0V.
3. The value is tested in full temperature range at 3.6V.
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn