Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
TMDS output oscillation elimination
The TMDS inputs do not incorporate a squelch circuit. Therefore, we reccomend the input to be externally
biased to prevent output oscillation. One pin will be pulled high to VDD with the other grounded through a
1.5K-Ohm resistor as shown.
TMDS Input Fail-Safe Recommendation
ss
ss
RT
RT
AVCC
VDD
TMDS
TMDS
Driver
Receiver
RINT
RINT
1.5Kohm
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn