Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Requirements on the Decoupling Capacitors
There is no special requirement on the material of the capacitors. Ceramic capacitors are generally being used with typically materi-
als of X5R or X7R.
Layout and Decoupling CapacitorPlacement Consideration
i.
Each 0.1μF decoupling capacitor should be placed as close as possible to each VDD pin.
ii. VDD and GND planes should be used to provide a low impedance path for power and ground.
iii. Via holes should be placed to connect to VDD and GND planes directly.
iv. Trace should be as wide as possible
v.
Trace should be as short as possible.
vi. The placement of decoupling capacitor and the way of routing trace should consider the power flowing criteria.
vii. 10μF capacitor should also be placed closed to our part and should be placed in the middle location of 0.1μF capacitors.
viii. Avoid the large current circuit placed close to our part; especially when it is shared the same VDD and GND planes. Since large
current flowing on our VDD or GND planes will generate a potential variation on the VDD or GND of our part.
Figure 2 Layout and Decoupling Capacitor Placement Diagram
Pe r i c o m Par t
GN D Pl a n e
V DD P l a n e
0. 1uF
Bypass noise
Power Flow
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn