Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3HDMI301 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3HDMI301
Descripción  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3HDMI301 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Receiver Block1
CLK+/-, Dx+/-
R2
250Kohm
R1
AVdd
Each input has integrated equalization that can eliminate deterministic jitter caused
by 25meter 24AWG cables. All activity can be configured using pin strapping. The
Rx block is designed to receive all relevant signals directly from the HDMITM connec-
tor without any additional circuitry, 3 High speed TMDS data, 1 pixel clock, 1 HPD
signals, and DDC signals. TMDS Channels have following termination scheme for Rx
Sense support.
Note:
1. R1 + R2 = 50 
09-0054


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn