Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1282HPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1282HPW
Descripción Electrónicos  High-Temperature High-Resolution Delta Sigma ADC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282HPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1282HPW Datasheet HTML 7Page - Texas Instruments ADS1282HPW Datasheet HTML 8Page - Texas Instruments ADS1282HPW Datasheet HTML 9Page - Texas Instruments ADS1282HPW Datasheet HTML 10Page - Texas Instruments ADS1282HPW Datasheet HTML 11Page - Texas Instruments ADS1282HPW Datasheet HTML 12Page - Texas Instruments ADS1282HPW Datasheet HTML 13Page - Texas Instruments ADS1282HPW Datasheet HTML 14Page - Texas Instruments ADS1282HPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
SCLK
DIN
DOUT
t
SCLK
t
SPWH
t
SCDL
t
DIST
t
DIHD
t
SPWL
t
SCDL
t
DOHD
t
DOPD
11
ADS1282-HT
www.ti.com
SBAS446H – DECEMBER 2009 – REVISED FEBRUARY 2016
Product Folder Links: ADS1282-HT
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.8 Reset Timing Requirements
See Figure 48 for timing diagram.
MIN
MAX
UNIT
tCRHD
CLK to RESET hold time
10
ns
tRCSU
RESET to CLK setup time
10
ns
tRST
RESET low
2
1 / ƒCLK
tDR
Time for data ready
62.98046875 / ƒDATA + 468 / ƒCLK
s
(1)
Load on DOUT = 20 pF || 100 k
Ω.
7.9 Read Data Timing Requirements
MIN
MAX
UNIT
tDDPD
DRDY to valid MSB on DOUT propagation delay (see Figure 54)(1)
100
ns
tDR
Time for new data after data read command (see Figure 55)
0
1
ƒDATA
(1)
At DC. See Figure 42.
7.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Group delay(1)
Minimum phase filter
5 / ƒDATA
s
Linear phase filter
31 / ƒDATA
Settling time
(latency)
Minimum phase filter
62 / ƒDATA
s
Linear phase filter
62 / ƒDATA
(1)
Load on M0 and M1 = 20 pF || 100 k
Ω.
7.11 Modulator Switching Characteristics
See Figure 56.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tMCD0, 1
MCLK rising edge to M0, M1 valid
propagation delay(1)
100
ns
tCMD
CLK rising edge (after SYNC rising
edge) to MCLK rising edge CMD
5
1/ƒCLK
tCSHD
CLK to SYNC hold time to not latch
on CLK edge
10
ns
tSCSU
SYNC to CLK setup time to latch on
CLK edge
10
ns
tSYMD
SYNC to stable bit stream
16
1/ƒMOD
Figure 1. Timing Diagram


Número de pieza similar - ADS1282HPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1282HPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282-SP TI1-ADS1282-SP Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
[Old version datasheet]   ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com